Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2053 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2053
Description  Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2053 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2053_1 Datasheet HTML 7Page - Linear Technology LTC2053_1 Datasheet HTML 8Page - Linear Technology LTC2053_1 Datasheet HTML 9Page - Linear Technology LTC2053_1 Datasheet HTML 10Page - Linear Technology LTC2053_1 Datasheet HTML 11Page - Linear Technology LTC2053_1 Datasheet HTML 12Page - Linear Technology LTC2053_1 Datasheet HTML 13Page - Linear Technology LTC2053_1 Datasheet HTML 14Page - Linear Technology LTC2053_1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2053/LTC2053-SYNC
11
2053syncfb
–
+
–
+
VD
V+IN
VOUT
EXTERNAL
CLOCK
V–IN
3
2053 F02
8
5V
4
5
1
6 R2
1kΩ
R1
7
2
LTC2053-SYNC
CLK
5V
4.7nF
0V
SAMPLE FREQUENCY (FCLK/8)
0
12
10
8
6
4
2
0
2000
4000
6000
8000
2053 F05
10000
Typ LTC2053 Sample Frequency
VS = 5V
TA = 25°C
Noise in 10Hz Bandwidth
APPLICATIO S I FOR ATIO
The LTC2053-SYNC is tested with a sample clock of 3kHz
(fCLK = 24kHz) to the same specifications as the LTC2053.
In addition the LTC2053-SYNC is tested at 1/2 and 2X this
frequency to verify proper operation. The curves in the
Typical Performance Characteristics section of this
datasheet apply to the LTC2053-SYNC when driving it with
a 24kHz clock at PIN1 (fCLK = 24kHz, 3kHz sample clock
rate). Below are three curves that show the behavior of the
LTC2053-SYNC as the clock frequency is varied. The
offset is essentially unaffected over a 2:1 increase or
decrease of the typical LTC2053 sample clock speed. The
bias current is directly proportional to the clock speed. The
noise is roughly proportional to the square root of the
clock frequency. For optimum noise and bias current
performance, drive the LTC2053-SYNC with a nominal
24kHz external clock (3kHz sample clock).
Synchronizing to an External Clock
(LTC2053-SYNC Only)
The LTC2053 has an internally generated sample clock
that is typically 3kHz. There is no need to provide the
LTC2053 with a clock. However, in some applications, it
may be desirable for the user to control the sampling
frequency more precisely to avoid undesirable aliasing.
This can be done with the LTC2053-SYNC. This device
uses PIN 1 as a clock input whereas the LTC2053 uses Pin
1 as an enable pin. If CLK (PIN 1) is left floating on the
LTC2053-SYNC, the device will run on its internal oscilla-
tor, similar to the LTC2053. However, if not externally
synchronizing to a system clock, it is recommended that
the LTC2053 be used instead of the LTC2053-SYNC
because the LTC2053-SYNC is sensitive to parasitic ca-
pacitance on the CLK pin when left floating. Clocking the
LTC2053-SYNC is accomplished by driving the CLK pin
at 8 times the desired sample clock frequency. This
completely disables the internal clock. For example, to
achieve the nominal LTC2053 sample clock rate of 3kHz,
a 24kHz external clock should be applied to the CLK pin
of the LTC2053-SYNC. If a square wave is used to drive the
CLK pin, a 5µs RC time constant should be placed in front
of the CLK pin to maintain low offset voltage performance
(see Figure 2). This avoids internal and external coupling
of the high frequency components of the external clock at
the instant the LTC2053-SYNC holds the sampled input.
LTC2053-SYNC
Input Offset
vs Sample Frequency
LTC2053-SYNC
Average Input Bias Current
vs Sample Frequency
LTC2053-SYNC
Input Referred Noise
vs Sample Frequency
SAMPLE FREQUENCY (Hz) (=FCLK/8)
0
20
15
10
5
0
–5
–10
–15
–20
2000
4000
6000
8000
2053 F03
10000
VS = ±5V
VS = 5V
VS = 3V
Typ LTC2053 Sample Frequency
SAMPLE FREQUENCY (Hz) (=FCLK/8)
0
14
12
10
8
6
4
2
0
2000
4000
6000
8000
2053 F04
10000
VS = 5V
VREF = 0
VCM = 1V
Typ LTC2053 Sample Frequency
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com