Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3252 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3252
Description  Dual, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3252 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3252 Datasheet HTML 4Page - Linear Technology LTC3252 Datasheet HTML 5Page - Linear Technology LTC3252 Datasheet HTML 6Page - Linear Technology LTC3252 Datasheet HTML 7Page - Linear Technology LTC3252 Datasheet HTML 8Page - Linear Technology LTC3252 Datasheet HTML 9Page - Linear Technology LTC3252 Datasheet HTML 10Page - Linear Technology LTC3252 Datasheet HTML 11Page - Linear Technology LTC3252 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC3252
8
3252f
Output Capacitor Selection
The style and value of capacitors used with the LTC3252
determine several important parameters such as regulator
control loop stability, output ripple and charge pump
strength.
The switching nature of the LTC3252 minimizes output
noise significantly but not completely. What small ripple
that exists at an output is controlled by the value of output
capacitor directly. Increasing the size of the output capaci-
tor will proportionately reduce the output ripple. The ESR
(equivalent series resistance) of the output capacitor plays
the dominant role in output noise. When the LTC3252
switches between clock phases there is a period where all
switches are turned off. This “blanking period” shows up
as a spike at the output and is a direct function of the output
current times the ESR value. To reduce output noise and
ripple, it is suggested that a low ESR (<0.08
Ω) ceramic
capacitor be used for the output capacitor. Tantalum and
aluminum capacitors are not recommended because of
their high ESR.
Both the style and value of the output capacitors can
significantly affect the stability of the LTC3252. As shown
in the Simplified Block Diagram, the LTC3252 uses a
control loop to adjust the strength of each charge pump to
match the current required at the output. The error signal
of each loop is stored directly on each output capacitor.
Thus the output capacitors also serve to form the domi-
nant pole in each control loop. Figure 3 is a graph of the
recommended output capacitance, and minimum capaci-
tance required for good transient response (see the Ce-
ramic Capacitor Selection Guidelines section).
Likewise excessive ESR on the output capacitor will tend
to degrade the loop stability of the LTC3252. The closed
loop output impedance of the LTC3252 is approximately:
R
V
V
O
OUT
=Ω
008
08
.•
.
For example, with the output programmed to 1.5V, the RO
is 0.15
Ω, which produces a 38mV output change for a
250mA load current step. For stability and good load
transient response it is important for the output capacitor
to have 0.1
Ω or less of ESR. Ceramic capacitors typically
have exceptional ESR and combined with a tight board
layout should yield excellent stability and load transient
performance.
Further output noise reduction can be achieved by filtering
the LTC3252 outputs through a very small series inductor
as shown in Figure 4. A 10nH inductor will reject the fast
output transients caused by the blanking period, thereby
presenting a nearly constant output voltage. For economy
the 10nH inductor can be fabricated on the PC board with
about 1cm (0.4") of PC board trace.
OPERATIO
(Refer to Simplified Block Diagram)
Figure 3. Output Capacitance vs Output Voltage
Figure 4. 10nH Inductor Used for
Additional Output Noise Reduction
3252 F04
LTC3252
OUT
GND
4.7
µF
0.47
µF
VOUT
10nH
VIN Capacitor Selection
The low noise, dual phase architecture used by the LTC3252
makes input noise filtering much less demanding than
conventional charge pump regulators. The LTC3252 input
current will transition between IOUT1/2 and IOUT2/2 for
each half cycle of the oscillator. The blanking period
described in the VOUT section also effects the input. For
this reason it is recommended that a low ESR 4.7
µF (1µF
min) or greater ceramic capacitor be used for CIN (see the
Ceramic Capacitor Selection Guidelines section). Alumi-
num and tantalum capacitors can be used but are not
recommended because of their high ESR.
VOUT (V)
0.9
8
7
6
5
4
3
2
3252 F03
1
1.1
1.2
1.3
1.4
1.5
1.6
RECOMMENDED
CAPACITANCE
MINIMUM
CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com