Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3252 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3252
Description  Dual, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3252 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3252 Datasheet HTML 4Page - Linear Technology LTC3252 Datasheet HTML 5Page - Linear Technology LTC3252 Datasheet HTML 6Page - Linear Technology LTC3252 Datasheet HTML 7Page - Linear Technology LTC3252 Datasheet HTML 8Page - Linear Technology LTC3252 Datasheet HTML 9Page - Linear Technology LTC3252 Datasheet HTML 10Page - Linear Technology LTC3252 Datasheet HTML 11Page - Linear Technology LTC3252 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC3252
12
3252f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0503 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1514
50mA, 650kHz, Step-Up/Down Charge Pump
VIN = 2.7V to 10V, VOUT = 3V or 5V, Regulated Output, IQ = 60µA,
with Low Battery Comparator
ISHDN = 10µA, S8
LTC1515
50mA, 650kHz, Step-Up/Down Charge Pump
VIN = 2.7V to 10V, VOUT = 3.3V or 5V, Regulated Output, IQ = 60µA,
with Power-On Reset
ISHDN = <1µA, S8
LT1776
500mA (IOUT), 200kHz, High Efficiency
90% Efficiency, VIN = 7.4V to 40V, VOUT Min = 1.24V,
Step-Down DC/DC Converter
IQ = 3.2mA, ISHDN = 30µA, N8, S8
LTC1911-1.5
250mA, 1.5MHz, High Efficiency
75% Efficiency, VIN = 2.7V to 5.5V, VOUT = 1.5V, Regulated Output,
Step-Down Charge Pump
IQ = 180µA, ISHDN = 10µA, MS8
LTC1911-1.8
250mA, 1.5MHz, High Efficiency
75% Efficiency, VIN = 2.7V to 5.5V, VOUT = 1.8V, Regulated Output,
Step-Down Charge Pump
IQ = 180µA, ISHDN = 10µA, MS8
LTC3250-1.5
250mA, 1.5MHz, High Efficiency
85% Efficiency, VIN = 3.1V to 5.5V, VOUT = 1.5V, Regulated Output,
Step-Down Charge Pump
IQ = 35µA, ISHDN = <1µA, ThinSOT
LTC3251
500mA, Spread Spectrum, High Efficiency
Up to 85% Efficiency, VIN = 2.7V to 5.5V, VOUT = 0.9V to 1.6V,
Step-Down Charge Pump
IQ = 8µA, ISHDN = <1µA, MS10
LTC3404
600mA (IOUT), 1.4MHz, Synchronous
95% Efficiency, VIN = 2.7V to 6V, VOUT Min = 0.8V,
Step-Down DC/DC Converter
IQ = 10µA, ISHDN = <1µA, MS8
LTC3405/LTC3405A 300mA (IOUT), 1.5MHz, Synchronous
95% Efficiency, VIN = 2.7V to 6V, VOUT Min = 0.8V,
Step-Down DC/DC Converter
IQ = 20µA, ISHDN = <1µA, ThinSOT
LTC3406/LTC3406B 600mA (IOUT), 1.5MHz, Synchronous
95% Efficiency, VIN = 2.5V to 5.5V, VOUT Min = 0.6V,
Step-Down DC/DC Converter
IQ = 20µA, ISHDN = <1µA, ThinSOT
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN = 2.5V to 5.5V, VOUT Min = 0.8V,
DC/DC Converter
IQ = 60µA, ISHDN = <1µA, MS10
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN = 2.5V to 5.5V, VOUT Min = 0.8V,
DC/DC Converter
IQ = 60µA, ISHDN = <1µA, TSSOP-16E
LTC3440
600mA (IOUT), 2MHz, Synchronous
95% Efficiency, VIN = 2.5V to 5.5V, VOUT Min = 2.5V,
Buck-Boost DC/DC Converter
IQ = <25µA, ISHDN = 1µA, MS10
LTC3252
IOUT
250mA
3-CELL
NiMH
3252 TA04
4.7
µF
4.7
µF
VIN
OUT1
FB1
1
µF
C1+
C1–
EN1
EN1
EN2
EN2
C2+
GND
C2–
FB2
OUT2
1
µF
261k
412k
100k
EN1
EN2
OUT
OFF
OFF
0V
OFF
ON
1.2V
ON
OFF
1.5V
ON
ON
1.5V
11
3
9
2
10
5
8
4
12
6
7
1
3-Cell NiMH with Digitally Selectable 1.2V/1.5V Output
LTC3252
OUT
1.5V
300mA
3.3V
3252 TA03
4.7
µF
10
µF
VIN
OUT1
FB1
1
µF
C1+
C1–
EN1
EN2
C2+
GND
C2–
FB2
OUT2
OFF ON
1
µF
470k
510k
11
3
9
2
10
5
8
4
12
6
7
1
Fixed 3.3VIN to 1.5VOUT at 300mA
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com