Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3252 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3252
Description  Dual, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3252 Datasheet(HTML) 3 Page - Linear Technology

  LTC3252 Datasheet HTML 1Page - Linear Technology LTC3252 Datasheet HTML 2Page - Linear Technology LTC3252 Datasheet HTML 3Page - Linear Technology LTC3252 Datasheet HTML 4Page - Linear Technology LTC3252 Datasheet HTML 5Page - Linear Technology LTC3252 Datasheet HTML 6Page - Linear Technology LTC3252 Datasheet HTML 7Page - Linear Technology LTC3252 Datasheet HTML 8Page - Linear Technology LTC3252 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3252
3
3252f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3252EDE is guaranteed to meet specified performance
from 0
°C to 70°C. Specifications over the –40°C and 85°C operating
temperature range are assured by design characterization and correlation
with statistical process control.
Note 3: Based on long-term current density limitations.
Note 4: Minimum operating voltage required for regulation is:
VIN > 2 • (VOUT(MIN) + ROL • IOUT)
Note 5: Output not in regulation; ROL = (VIN/2 – VOUT)/IOUT.
Note 6: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
No Load Supply Current vs Supply
Voltage (One Output Enabled)
No Load Supply Current vs Supply
Voltage (Both Outputs Enabled)
EN1/EN2 Input Threshold Voltage
vs Supply Voltage
1.5V Output Voltage vs Supply
Voltage
1.5V Output Efficiency vs Output
Current
VIN (V)
2.7
60
50
40
30
20
10
0
3.2
3.7
4.2
4.7
3252 G01
5.2
–45
°C
85
°C
25
°C
VIN (V)
2.7
100
90
80
70
60
50
40
30
20
10
0
3.2
3.7
4.2
4.7
3252 G02
5.2
–40
°C
85
°C
25
°C
IOUT (mA)
0
0.82
0.81
0.80
0.79
0.78
0.77
0.76
3252 G03
50
100
150
200
250
–40
°C
VIN = 3.6V
85
°C
25
°C
FB Voltage vs Load Current
VIN (V)
2.7
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
3.2
3.7
4.2
4.7
3252 G04
5.2
–40
°C
85
°C
25
°C
VIN (V)
3
1.60
1.58
1.56
1.54
1.52
1.50
1.48
1.46
1.44
1.42
1.40
3252 G05
3.5
4
4.5
5
5.5
TA = 25°C
IOUT = 0mA
IOUT = 250mA
IOUT = 50mA
IOUT (mA)
0.1
TA = 25°C
100
80
60
40
20
0
3252 G06
1
10
100
1000
VIN = 3.1V
VIN = 5V
VIN = 4V
VIN = 3.6V
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com