Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3252 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3252
Description  Dual, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3252 Datasheet(HTML) 4 Page - Linear Technology

  LTC3252 Datasheet HTML 1Page - Linear Technology LTC3252 Datasheet HTML 2Page - Linear Technology LTC3252 Datasheet HTML 3Page - Linear Technology LTC3252 Datasheet HTML 4Page - Linear Technology LTC3252 Datasheet HTML 5Page - Linear Technology LTC3252 Datasheet HTML 6Page - Linear Technology LTC3252 Datasheet HTML 7Page - Linear Technology LTC3252 Datasheet HTML 8Page - Linear Technology LTC3252 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3252
4
3252f
1.2V Output Voltage vs Supply
Voltage
1.2V Efficiency vs Load Current
TYPICAL PERFOR A CE CHARACTERISTICS
FB1 (Pin 1): Feedback Input Pin 1. An output divider
should be connected from OUT1 to FB1 to program the
output voltage.
EN1 (Pin 2): Input Enable Pin 1. When EN1 is high, OUT1
is enabled. When EN1 is low OUT1 is shut down.
VIN (Pin 3): Input Supply Voltage. Operating VIN may be
between 2.7V and 5.5V. Bypass VIN with a ≥ 4.7µF (1µF
min) low ESR ceramic capacitor to GND (CIN).
Oscillator Max/Min Frequency vs
Supply Voltage
VIN (V)
2.7
0.8
1.0
1.2
1.4
1.6
2.0
3.2
3.7
4.2
4.7
3252 G07
5.2
1.8
0.9
1.1
1.3
1.5
1.9
1.7
–40
°C MAX
–40
°C MIN
25
°C MAX
25
°C MIN
85
°C MAX
85
°C MIN
VIN (V)
2.7
1.30
1.28
1.26
1.24
1.22
1.20
1.18
1.16
1.14
1.12
1.10
3.2
3.7
4.2
4.7
3252 G08
5.2
IOUT = 250mA
IOUT = 50mA
IOUT = 0mA
TA = 25°C
IOUT (mA)
0.1
100
80
60
40
20
0
3252 G09
1
10
100
1000
VIN = 2.8V
VIN = 4.5V
VIN = 3.5V
VIN = 3.1V
TA = 25°C
IOUT
250mA
VOUT
20mV/DIV
AC
3252 G11
VIN = 3.6V
VOUT = 1.5V
20mA
VIN
4.5V
VOUT
10mV/DIV
AC
3252 G12
VOUT = 1.5V
IOUT = 150mA
3.5V
Output Current Transient
Response
Line Transient Response
C1+ (Pin 4): Flying Capacitor 1 Positive Terminal (C1).
OUT1 (Pin 5): Regulated Output Voltage 1. OUT1 is
disconnected from VIN when in shutdown. Bypass OUT1
with a low ESR ceramic capacitor to GND (CO1). See
Output Capacitor Selection section for size requirements.
C1– (Pin 6): Flying Capacitor 1 Negative Terminal (C1).
GND (Pin 7): Ground. Connect to a ground plane for best
performance.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com