Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3252 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3252
Description  Dual, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3252 Datasheet(HTML) 2 Page - Linear Technology

  LTC3252 Datasheet HTML 1Page - Linear Technology LTC3252 Datasheet HTML 2Page - Linear Technology LTC3252 Datasheet HTML 3Page - Linear Technology LTC3252 Datasheet HTML 4Page - Linear Technology LTC3252 Datasheet HTML 5Page - Linear Technology LTC3252 Datasheet HTML 6Page - Linear Technology LTC3252 Datasheet HTML 7Page - Linear Technology LTC3252 Datasheet HTML 8Page - Linear Technology LTC3252 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3252
2
3252f
VIN to GND ................................................–0.3V to 6.0V
EN1, EN2, FB1, FB2 to GND .......... – 0.3V to (VIN + 0.3V)
IOUT1, IOUT2 (Note 3) ........................................... 400mA
Operating Ambient Temperature Range
(Note 2) .................................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
DE PART
MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
3252
LTC3252EDE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Notes 1, 6)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VOUT1 = VOUT2 = 1.5V, C1 = C2 = 1µF, Cin = COUT1 = COUT2 =
4.7
µF (all capacitors ceramic) unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Min Operating Voltage
(Note 4)
q
2.7
V
Max Operating Voltage
q
5.5
V
IVIN
Operating Current,
IOUT = 0mA, VEN1 = VIN, VEN2 = VIN,
q
60
100
µA
Both Outputs Enabled
2.7V
≤ VIN ≤ 5.5V
Operating Current,
IOUT = 0mA, VEN1 = 0, VEN2 = VIN or VEN1 = VIN,
q
35
60
µA
One Output Enabled
VEN2 = 0, 2.7V ≤ VIN ≤ 5.5V
Shutdown Current
VM0 = 0V, VM1 = 0V, 2.7V ≤ VIN ≤ 5.5V
q
0.01
1
µA
VFB1, VFB2
Feedback Voltage
IOUT = 0mA, 2.7V ≤ VIN ≤ 5.5V
q
0.78
0.8
0.82
V
IOUT1
Output Current
VEN1 = VIN
q
250
mA
IOUT2
Output Current
VEN2 = VIN
q
250
mA
IFB
FB1, FB2 Input Current
VFB1 = VFB2 = 0.85V
q
–50
50
nA
VRIPPLE
Output Ripple (OUT1 or OUT2)
IOUT = 250mA
10
mVP-P
Spread Spectrum Frequency Range
fMIN Switching Frequency
q
0.8
1.0
MHz
fMAX Switching Frequency
q
1.6
2.0
MHz
VIH
EN1, EN2 Input High Voltage
2.7V
≤ VIN ≤ 5.5V
q
1.2
0.8
V
VIL
EN1, EN2 Input Low Voltage
2.7V
≤ VIN ≤ 5.5V
q
0.8
0.4
V
IIH
EN1, EN2 Input High Current
EN1 = VIN, EN2 = VIN
q
–1
1
µA
IIL
EN1, EN2 Input Low Current
EN1 = 0V, EN2 = 0V
q
–1
1
µA
tON
Turn On Time
ROUT = 3Ω
0.8
ms
OUT1, OUT2 Load Regulation (Referred to FB pin)
0.08
mV/mA
Line Regulation
0
≤ IOUT1 ≤ 250mA or 0 ≤ IOUT2 ≤ 250mA
0.2
%/V
ROL
Open Loop Output Impedance,
VIN = 3.0V, IOUT = 200mA, VFB = 0.74V (Note 5)
q
1
1.4
Ω
(OUT1 or OUT2)
EXPOSED PAD IS GROUND
(MUST BE SOLDERED TO PCB)
TJMAX = 125°C, θJA = 40°C/W, θJC = 4.3°C/W
FB2
EN2
C2+
OUT2
C2–
GND
FB1
EN1
VIN
C1+
OUT1
C1–
TOP VIEW
DE PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
12
11
10
9
8
7
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com