Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3252 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3252
Description  Dual, Low Noise, Inductorless Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3252 Datasheet(HTML) 1 Page - Linear Technology

  LTC3252 Datasheet HTML 1Page - Linear Technology LTC3252 Datasheet HTML 2Page - Linear Technology LTC3252 Datasheet HTML 3Page - Linear Technology LTC3252 Datasheet HTML 4Page - Linear Technology LTC3252 Datasheet HTML 5Page - Linear Technology LTC3252 Datasheet HTML 6Page - Linear Technology LTC3252 Datasheet HTML 7Page - Linear Technology LTC3252 Datasheet HTML 8Page - Linear Technology LTC3252 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3252
1
3252f
The LTC
®3252 is a switched capacitor step-down DC/DC
converter that produces two adjustable regulated outputs
from a single 2.7V to 5.5V input. The part uses switched
capacitor fractional conversion to achieve a typical effi-
ciency increase of 50% over that of a linear regulator. No
inductors are required.
A unique constant frequency, spread spectrum architec-
ture provides a very low noise regulated output as well as
low noise at the input. The part also has Burst Mode
®
operation to provide high efficiency at low output currents,
as well as ultralow current shutdown.
Low operating currents (60
µA with both outputs enabled,
35
µA with one output enabled) and low external parts
count make the LTC3252 ideally suited for space-con-
strained battery-powered applications. The part is short-
circuit and overtemperature protected and is available in a
tiny 4mm
× 3mm 12-pin DFN package.
s
Handheld Electronic Devices
s
Cellular Phones
s
Low Voltage Logic Supplies
s
DSP Power Supplies
s
3.3V to 1.5V Conversion
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
2.7V to 5.5V Input Voltage Range
s
No Inductors
s
Typical Efficiency 50% Higher than LDOs
s
Spread Spectrum Operation
s
Low Input and Output Noise
s
Shutdown Disconnects Load from VIN
s
Dual Adjustable Independent Outputs
(Range: 0.9V to 1.6V)
s
Output Current: 250mA Each Output
s
Low Operating Current: IIN = 60µA Typ
(35
µA with One Output Enabled)
s
Low Shutdown Current: IIN = 0.01µA Typ
s
Soft-Start Limits Inrush Current at Turn On
s
Short Circuit and Over Temperature Protected
s
Available in 4mm
× 3mm 12-Pin DFN Package
Dual, Low Noise,
Inductorless Step-Down
DC/DC Converter
Burst Mode is a registered trademark of Linear Technology Corporation.
1.5V and 1.2V Output Voltages with Shutdown
470k
5
510k
4.7
µF
OUT1
1
FB1
261k
9
510k
4.7
µF
LTC3252
3252 TA01
1-CELL
Li-ION
OR 3-CELL
NiMH
VOUT = 1.5V
IOUT ≤ 250mA
VOUT = 1.2V
IOUT ≤ 250mA
4.7
µF
1
µF
OUT2
12
FB2
2
EN1
3
VIN
10
C2+
8
C2–
1
µF
4
C1+
6
C1–
7
GND
OFF ON
11
EN2
OFF ON
1.5V/1.2V Efficiency vs Input Voltage
VIN (V)
2.7
100
90
80
70
60
50
40
30
20
10
0
3252 TA01a
3.1
3.5
3.9
4.3
4.7
5.1
5.5
IOUT (1.5V) = 100mA
IOUT (1.2V) = 100mA
LTC3252-1.5V
LTC3252-1.2V
LDO-1.5V
LDO-1.2V
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC3252

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3252 LINER-LTC3252 Datasheet
268Kb / 16P
Switched-Capacitor Voltage Converter with Regulator
LTC3252 LINER-LTC3252 Datasheet
196Kb / 12P
High Voltage, Low Quiescent Current
LTC3252 LINER-LTC3252 Datasheet
298Kb / 12P
Dual, Low Noise, Inductorless Step-Down DC/DC Converter
logo
Analog Devices
LTC3252 AD-LTC3252 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
logo
Linear Technology
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
Dual, Low Noise, Inductorless Step-Down DC/DC Converter
More results

Similar Description - LTC3252

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3251 LINER-LTC3251 Datasheet
439Kb / 16P
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3251-1.5 LINER-LTC3251-1.5_15 Datasheet
379Kb / 16P
500mA High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
Dual, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com