Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3706IGN-PBF
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3706IGN-PBF Datasheet HTML 6Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 7Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 8Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 9Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 10Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 11Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3706
10
3706fb
OPERATION
the amount of slope compensation doubles when the duty
cycle exceeds 50%.
Table 1
SLP PIN
SLOPE (D < 0.5)
SLOPE (D > 0.5)
GND
0.05 • ISMAX • fOSC
0.1 • ISMAX • fOSC
VCC
None
None
400kΩ to GND
0.1 • ISMAX • fOSC
0.2 • ISMAX • fOSC
200kΩ to GND
0.15 • ISMAX • fOSC
0.3 • ISMAX • fOSC
100kΩ to GND
0.25 • ISMAX • fOSC
0.5 • ISMAX • fOSC
50kΩ to GND
0.5 • ISMAX • fOSC
1.0 • ISMAX • fOSC
In Table 1 above, ISMAX is the maximum current limit, and fOSC is the
switching frequency.
Current Sensing and Current Limit
For current sensing, the LTC3706 supports either a current
sense resistor or a current sense transformer. The current
sense resistor may either be placed in series with the
inductor (either high side or ground lead sensing), or
in the source of the “forward” switch. If a current sense
transformer is used, the IS–input should be tied to VCC and
the IS+ pin to the output of the current sense transformer.
This causes the gain of the internal current sense amplifier
to be reduced by a factor of 16
×, so that the maximum
current sense voltage (current limit) is increased from
78mV to 1.28V. An internal, adaptive leading edge blanking
circuit ensures clean operation for “switch” current sensing
applications.
Current limit is achieved in the LTC3706 by limiting the
maximum voltage excursion of the error signal (ITH volt-
age). Note that if slope compensation is used, the precise
value at which current limit occurs will be a function of
duty cycle (See Typical Performance Characteristics).
If a short circuit is applied, an independent overcurrent
comparator may be tripped. In this case, the LTC3706 will
enter a “hiccup” mode using the soft-start circuitry.
Figure 1: Gate Drive Encoding Scheme (VMODE = GND)
–7V
7V
–7V
7V
150ns
1 CLK PER
DUTY CYCLE = 15%
VPT1+ – VPT1–
150ns
3706 F01
1 CLK PER
DUTY CYCLE = 0%
When the LTC3706 has adequate operating voltage, it will
begin the procedure of assuming control from the primary
side. To do this, it first measures the voltage on the power
supply’s main output and then automatically advances its
own soft-start voltage to correspond to the main output
voltage. This ensures that the output voltage increases
monotonically as the soft-start control is transferred from
primary to secondary. The LTC3706 then begins sending
PWM signals to the LTC3705 on the primary side through a
pulse transformer. When the LTC3705 has detected a stable
signal from the secondary controller, it transfers control of
the primary switches over to the LTC3706, beginning the
secondary-side soft-start mode. The LTC3706 continues
in this mode until the output voltage has ramped up to
its final value. If for any reason, the LTC3706 either stops
sending (or initially fails to send) PWM information to the
LTC3705, the LTC3705 will detect a FAULT and initiate a
soft-start retry. (See the LTC3705 data sheet.)
Slope Compensation
Slope compensation is added at the input of the PWM
comparator to improve stability and noise margin of the
peak current control loop. The amount of slope compen-
sation can be selected from one of five preprogrammed
values using the SLP pin as shown in Table 1. Note that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com