Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN-PBF Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3706IGN-PBF
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN-PBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3706IGN-PBF Datasheet HTML 11Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 14Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 15Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 17Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 18Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC3706
15
3706fb
APPLICATIONS INFORMATION
The REGSD resistor should be selected based upon the
steady-state (DC) thermal impedance of the linear regula-
tor pass device.
Rk
I
T
REGSD
JA
CC MAX
RISE MAX
= 960
θ • ()
()
where
θJA is the DC thermal impedance of the linear
regulator pass device and TRISE(MAX) is the maximum
junction temperature rise desired for the pass device.
The value for ICC(MAX) depends heavily on the particular
switching MOSFETs used, as well as on the details of
overall system design. Note that it may include the bias
current associated with the primary-side gate driver and
controller, if the LTC3705 is being used. The value for ICC
is best determined experimentally and then guard banded
appropriately to establish ICC(MAX). Using the Typical Ap-
plication circuit on the first page of this data sheet as an
example, if a SOT-23 MOSFET is chosen, we might have
θJA = 150°C/W, tRISE(MAX) = 50°C and ICC(MAX) = 35mA so
that RREGSD ≈ 100kΩ. In this case, the linear regulator can
run continuously for any VIN voltage that is less than:
4V = (VIN – VCC)(5μs)(RREGSD)
V
k
R
V
IN MAX
REGSD
() =
⎛
⎝⎜
⎞
⎠⎟
+
640
7
or 13.4V. In addition, a capacitor may be added in parallel
with the REGSD resistor to delay the thermal shutdown
and thereby account for the thermal time constant of the
pass device. When using a delay capacitor, care must be
taken to ensure that the safe operating area (SOA) of the
pass device is not exceeded. The capacitor should be
chosen to provide a time constant that is somewhat faster
than the thermal time constant of the pass device in the
system. This technique will allow for much higher transient
power dissipation, which is particularly useful in larger
(PolyPhase) systems that have a higher VCC bias current.
For the above SOT-23 example, a capacitor CREGSD = 1μF
provides a linear regulator shutdown delay given by:
tC
R
k
VR
SHDN
REGSD
REGSD
IN
REGS
=
()(
)
()
ln
–
–
1
1
640
7
D
D
⎛
⎝
⎜
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
⎟
or 33ms at VIN = 30V. This delay provides ample time for
linear regulator operation during soft-start, while providing
protection for the pass device during fault conditions such
as input overvoltage or output overcurrent.
Current Sensing
The LTC3706 provides considerable flexibility in current
sensing techniques. It supports two main methods: 1)
resistive current sensing and 2) current transformer cur-
rent sensing. Resistive current sensing is generally simpler,
smaller and less expensive, while current transformer
sensing is more efficient and generally appropriate for
higher (>20A) output currents. For resistive current sens-
ing, the sense resistor may be placed in any one of three
different locations: high side inductor, low side inductor
or low side switch, as shown in Figure 3. Sensing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com