Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN-PBF Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3706IGN-PBF
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN-PBF Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3706IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 14Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 15Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 17Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 18Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 19Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC3706
17
3706fb
Figure 4. Connections for PolyPhase Operation
NDRV
UVLO
LTC3705
(MASTER)
VCC
SS/FLT
FB/IN+
FS/IN–
VIN
–
VIN
+
VIN NDRV VCC
PT+
PT–
RUN/SS
LTC3706
(MASTER)
ITH
3706 F05
VOUT
+
VBIAS
FB
FS/SYNC
•
•
NDRV
SS/FLT
LTC3705
(SLAVE)
VCC
UVLO
FB/IN+
FS/IN–
VIN NDRV VCC
PT+
PT–
RUN/SS
LTC3706
(SLAVE)
ITH
FB
PHASE
FS/SYNC
•
•
APPLICATIONS INFORMATION
PolyPhase Applications
Figure 4 shows the basic connections for using the LTC3705
and LTC3706 in PolyPhase applications. One of the phases
is always identified as the “master,” while all other phases
are “slaves.” For the LTC3705 (primary side), the master
monitors the VIN voltage for undervoltage, performs the
open-loop start-up and supplies the initial VCC voltage for
the master and all slaves. The LTC3705 slaves simply stand
by and wait for PWM signals from their respective pulse
transformers. Since the SS/FLT pins of master and slave
LTC3705’s are interconnected, a FAULT (overcurrent, etc.)
on any one of the phases will perform a shutdown/restart
on all phases together. The LTC3705 is put into slave mode
by omitting the resistor on FS/IN–. For the LTC3706, the
master performs soft-start and voltage-loop regulation by
driving all slaves to the same current as the master using
the ITH pins. Faults and shutdowns are communicated via
the interconnection of the RUN/SS pins. The LTC3706 is
put into slave mode by tying the FB pin to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com