Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN-PBF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3706IGN-PBF
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN-PBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3706IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 14Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 15Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 17Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 18Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 19Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC3706
16
3706fb
APPLICATIONS INFORMATION
LTC3706
78mV MAX
IS
+
IS
–
3706 F03a
••
LTC3706
78mV MAX
IS
+
IS
–
3706 F03c
••
Figure 3a. High Side Inductor:
Easier Layout, Low Noise, Accurate
Figure 3c. Switch Current Sensing: Easy Layout,
Accurate, Higher Efficiency, High VOUT Capable
Figure 3. Current Sensing Techniques
LTC3706
78mV MAX
IS
+
IS
–
3706 F03b
••
LTC3706
VCC
1.28V MAX
TRIP
5W TO
50Ω
IS
+
IS
–
3706 F03d
••
•
•
Figure 3b. Low Side Inductor:
Accurate, Low Noise, High VOUT Capable
Figure 3d. Current Transformer:
Highest Efficiency, High VOUT Capable
inductor current (high side or low side) is generally less
noisy but dissipates more power than sensing the switch
current (Figures 3a and 3b). High side inductor current
sensing provides a more convenient layout than low side
(no split ground plane), but can only be used for output
voltages up to 5.5V, due to the common mode limitations
of the current sense inputs (IS+ and IS–). For most ap-
plications, low side switch current sensing will be a good
solution (Figure 3c).
For high current applications where efficiency (power dis-
sipation) is very important, a current sense transformer
may be used. As shown in Figure 3d, the IS– pin should
be tied off to VCC when a current sense transformer is
used. This causes the IS+ pin to become a single ended
(nondifferential) current sense input with a maximum
current sense voltage of 1.28V. Figure 3d shows a typical
application circuit using a current transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com