Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN-PBF Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3706IGN-PBF
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN-PBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3706IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 14Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 15Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 17Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 18Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 19Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3706
20
3706fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT 0808 REV B • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1534
Ultralow Noise 2A Switching Regulator
Reduces Conducted and Radiated EMI, Low Switching Harmonics,
20kHz to 250kHz Switching Frequency
LT1619
Low Voltage Current Mode Controller
1.9V ≤ VIN ≤ 18V, 300kHz Operation, Boost, Flyback, SEPIC
LT1681/LT3781
Dual Transistor Synchronous Forward Controller
Operation Up to 72V Maximum
LT1693
High Speed MOSFET Driver
1.5A Peak Output Current, 16ns Rise/Fall Time at VCC = 12V, CL = 1nF
LTC1698
Secondary Synchronous Rectifier Controller
Use with the LT1950 or LT1681, Isolated Power Supplies,
Contains Voltage Margining, Optocoupler Driver, Synchronization
Circuit with the Primary Side
LT1725
General Purpose Isolated Flyback Controller
No Optoisolator Required, Accurate Regulation Without User Trims,
50kHz to 250kHz Switching Frequency, SSOP-16 Package
LTC1871
Wide Input Range, No RSENSE™ Controller
Operation as Low as 2.5V Input, Boost, Flyback, SEPIC
LT1910
Protected High Side MOSFET Driver
8V to 48V Supply Range, Protected –15V to 60V Supply Transient
LTC3440
Micropower Buck-Boost DC/DC Converter
Synchronous, Single Inductor, No Schottky Diode Required
LTC3704
Positive-to-Negative DC/DC Controller
2.5V ≤ VIN ≤ 36V, No RSENSE Current Mode Operation,
Excellent Transient Response
LTC3705
Two-Switch Forward Converter Gate Driver and Controller
Use with LTC3706, Isolated Power Supplies, High Speed Gate Drivers
LTC3722
Full Bridge Controller
Synchronous; ZVS Operation; 24-Pin SSOP
No RSENSE is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com