Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3706IGN-PBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3706IGN-PBF
Description  Secondary-Side Synchronous Forward Controller with PolyPhase Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3706IGN-PBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3706IGN-PBF Datasheet HTML 12Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 13Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 14Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 15Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 16Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 17Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 18Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 19Page - Linear Technology LTC3706IGN-PBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3706
18
3706fb
TYPICAL APPLICATION
NDRV
GND
PGND VSLMT
UVLO
BOOST
LTC3705
BAS21
FQT7N10
0.22μF
2.2nF
250V
1nF
100V
1nF
100V
10μF
25V
CMPSH1-4
1.2Ω
L2 1.2μH
10Ω
0.25W
10Ω
0.25W
TG TS BG IS
T2
1μF
162k
L1: VISHAY IHLP-2525CZ-01
L2: COILCRAFT SER2010-122
T1: PULSE PA0807
T2: PULSE PA0297
33nF
30μΩ
1W
2mΩ
2W
Si7336ADP
Si7336ADP
2
T1
1:2
9:2
•
•
MURS120
MURS120
VCC
33nF
1nF
15k
1%
365k
1%
100k
2.2μF
25V
SS/FLT
FB/IN+
FS/IN–
VIN
–
VIN
+
L1 1μH
330mF
6.3V
3
1μF
2.2μF
16V
470pF
680pF
FG SW
SG
VIN
NDRV
CZT3019
VCC
GND PGND PHASE SLP MODE REGSD
PT+
IS
+
IS
–
PT–
RUN/SS
LTC3706
ITH
22.6k
1%
100k
20k
680pF
102k
1%
VOUT
–
3706 F05
VOUT
+
FB
FS/SYNC
0.1μF
5k
1nF
•
•
1μF
100V
1μF
100V
3
100Ω
100Ω
100Ω
100Ω
Si7852DP
Si7852DP
Figure 5. 36V-72V to 3.3V/20A Isolated Forward Converter
(See Typical Performance Characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com