Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPH-3.3/70-D48PBY Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # HPH-3.3/70-D48PBY
Description  Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPH-3.3/70-D48PBY Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button HPH-3.3/70-D48PBY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HPH Series
Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_HPH_A12 Page 8 of 12
Trim Equations
Where Vref = +1.225 Volts and Δ is the desired output voltage change. Note
that "Δ" is given as a small fraction, not a percentage.
A single resistor connected between Trim and +Sense will increase the output
voltage. A resistor connected between Trim and –Sense will decrease the output.
Remote On/Off Control
On the input side, a remote On/Off Control can be ordered with either polarity.
Positive: Standard models are enabled when the On/Off pin is left open or is
pulled high to +Vin with respect to –Vin. An internal bias current causes the
open pin to rise to +Vin. Some models will also turn on at lower intermediate
voltages (see Specifications). Positive-polarity devices are disable when the
On/Off is grounded or brought to within a low voltage (see Specifications) with
respect to –Vin.
Negative: Optional negative-polarity devices are on (enabled) when the On/Off
is grounded or brought to within a low voltage (see Specifications) with respect
to –Vin. The device is off (disabled) when the On/Off is left open or is pulled
high to +Vin with respect to –Vin.
Figure 7 – Trim adjustments to Decrease Output Voltage using a Fixed Resistor
Figure 8 – Driving the Positive Polarity On/Off Control Pin
Figure 9 – Driving the Negative Polarity On/Off Control Pin
Dynamic control of the On/Off function should be able to sink appropriate sig-
nal current when brought low and withstand appropriate voltage when brought
high. Be aware too that there is a finite time in milliseconds (see Specifications)
between the time of On/Off Control activation and stable, regulated output. This
time will vary slightly with output load type and current and input conditions.
There are three CAUTION’s for the On/Off Control:
CAUTION: To retain full output circuit isolation, control the On/Off from the input
side ONLY. If you must control it from circuits in the output, use some form of
optoisolation to the On/Off Control. This latter condition is unlikely because the
device controlling the On/Off would have to remain powered on and not be
powered from the converter..
CAUTION: While it is possible to control the On/Off with external logic if you
carefully observe the voltage levels, the preferred circuit is either an open
drain/open collector transistor or a relay (which can thereupon be controlled by
logic). The On/Off prefers to be set at +Vin (open pin) for the ON state, assum-
ing positive logic.
CAUTION: Do not apply voltages to the On/Off pin when there is no input power
voltage. Otherwise the converter may be permanently damaged.
1
3
4
5
8
7
6
9
+OUTPUT
+SENSE
TRIM
-SENSE
-OUTPUT
-INPUT
ON/OFF
CONTROL
+INPUT
LOAD
R TRIM DOWN
1
3
4
ON/OFF
CONTROL
-INPUT
+INPUT
+VCC
Radj_up (in kΩ) =
-
- 2
Vnominal x (1+Δ)
1
Δ
1.225 x Δ
where Δ =
Vnominal -Vout
Vnominal
Radj_down (in kΩ) =
- 2
1
Δ
where Δ =
Vout -Vnominal
Vnominal
ON/OFF CONTROL
CONTROL
+ Vcc
-INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com