Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPH-3.3/70-D48PBY Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # HPH-3.3/70-D48PBY
Description  Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPH-3.3/70-D48PBY Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button HPH-3.3/70-D48PBY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HPH Series
Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_HPH_A12 Page 10 of 12
MECHANICAL SPECIFICATIONS
INPUT/OUTPUT CONNECTIONS
Pin
Function P17
Pin
Function P17
1
Minus Input
9
Minus Output
2
Case*
8
Minus Sense In
7Trim In
3
On/Off control
6
Plus Sense In
4
Plus Input
5
Plus Output
Pins 1-4, 6-8:
Dia. 0.040±0.001 (1.016±0.025)
Pins 5,9:
Dia. 0.080±0.001 (2.032±0.025)
Pin Side View
Hole Pattern (Baseplate Side View)
1
2
3
4
5
6
7
8
9
1.900 (48.3)
1.900 (48.26)
2.30 (58.4)
0.40
(10.2)
0.188 (4.57)
0.500 (12.70)
2.000
(50.80)
0.400
(10.16)
0.400
(10.16)
0.600
(15.24)
0.015 Min. clearance
between standoffs and
highest component.
Thermal surface (baseplate)
A
B
B
0.500
(12.7)
1
2
3
4
5
6
7
8
9
A
#M3 x 0.50
thread through
(4 places)
A
Threaded insert M3-6H, typ. 4 places
diameter 0.126 (3.2). Do not disassemble.
0.50
(12.7)
No Baseplate
With Optional Baseplate
Since there is some pinout inconsistency between manufacturers of half brick converters, be sure
to follow the pin function, not the pin number, when laying out your board.
* Note that the “case” connects to the baseplate (when installed). This case connection is isolated
from the rest of the converter. Pin 2 may be deleted under special order. Please contact Murata
Power Solutions for information.
The Trim connection may be left open and the converter will achieve its rated accuracy.
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com