Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPH-3.3/70-D48PBY Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # HPH-3.3/70-D48PBY
Description  Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPH-3.3/70-D48PBY Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  HPH-3.3/70-D48PBY Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HPH Series
Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_HPH_A12 Page 3 of 12
INPUT CHARACTERISTICS
Model Family
Start-up
threshold
Un-
dervolt-
age
Shut-
down12
Reflected
(back) Ripple
Current
Input Current 1
Internal
Input
Filter Type
Reverse
Polarity
Protection16
Remote On/Off Control 6
Typ.
Inrush
Tran-
sient
Output
Short
Circuit
No
Load
Low
Line
Standby
Mode
Current
(Max.)
Positive Logic
Negative Logic
V
V
mA pk-pk
A2sec
mA
mA
A
mA
mA
“P” model suffix
“N” model suffix
HPH-3.3/70-D48
35
33.5
20
0.1
50
70
7.13
1
Pi-type
See notes
2
OFF=Gnd. pin to
+1V Max.
ON=open pin or
+3.5 to +15V
Max.
OFF=open pin or
+3.5V to +15V
Max.
ON=Gnd. pin to
+1V Max.
HPH-5/40-D48
35
33.5
20
0.05
50
70
6.11
4
2
OFF=Gnd. pin to
+1V Max.
ON=open pin or
+3.5 to +13.5V
Max.
OFF=open pin or
+3.5V to +13.5V
Max.
ON=Gnd. pin to
+1V Max.
HPH-12/30-D48
34
32
60
0.3
50
150
10.8
4
2
OUTPUT CHARACTERISTICS
Model Family
VOUT
Accuracy
Adjustment
Range 8
Temperature
Coefficient
Capacitance
Loading
Overvoltage
Protection 10 15
Over-
Voltage
Protection
Method
Remote Sense
Compensation 11
Minimum
Loading
Ripple/
Noise 9
Line/Load
Regulation 7
Efficiency
50% Load
% of
VNOM
% of VOUT
range/ºC
Low ESR <0.02
Max., resistive
load
Hiccup auto
restart after
fault removal
Max.
(20 MHz
bandwidth)
% of VNOM
μF
V
% of VOUT
HPH-3.3/70-D48
±1
±10
±0.02
10,000
4
Magnetic
feedback
+10
No
minimum
load
See ordering guide
HPH-5/40-D48
±1
±10
±0.02
10,000
6
HPH-12/30-D48
±1
±10
±0.02
10,000
14.5
ISOLATION CHARACTERISTICS
Model Family
Input to
Output
Input
to baseplate
Base-
plate
to output
Isolation
Resistance
Isolation
Capacitance
Isolation
Safety
Rating
Current Limit Inception
Short Circuit
Protection
Method
Short Circuit
Current
Min.
Min.
Min.
98% of VOUT, after warmup
Continuous
V
V
V
MΩ
pF
A
A
HPH-3.3/70-D48
2250
1500
1500
100
2000
Basic
Insulation
84
Current
limiting,
hiccup
autorestart
12
HPH-5/40-D48
45
TBD
HPH-12/30-D48
37
TBD
See notes on page 4.
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these converters. These specifications vary depending on the solder type. Exceeding these specifica-
tions may cause damage to the product. Be cautious when there is high atmospheric humidity. We strongly recommend a mild pre-bake (100° C. for 30 minutes). Your production
environment may differ; therefore please thoroughly review these guidelines with your process engineers.
Wave Solder Operations for through-hole mounted products (THMT)
For Sn/Ag/Cu based solders:
For Sn/Pb based solders:
Maximum Preheat Temperature
115° C.
Maximum Preheat Temperature
105° C.
Maximum Pot Temperature
270° C.
Maximum Pot Temperature
250° C.
Maximum Solder Dwell Time
7 seconds
Maximum Solder Dwell Time
6 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com