Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPH-3.3/70-D48PBY Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # HPH-3.3/70-D48PBY
Description  Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPH-3.3/70-D48PBY Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  HPH-3.3/70-D48PBY Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HPH Series
Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_HPH_A12 Page 2 of 12
PART NUMBER STRUCTURE
Note: Because of the high currents, wire the appropriate input, output and common pins in parallel. Be sure to use adequate PC board etch. If not sufficient, install additional discrete wiring.
PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE
Root Model
M
Output
Input
Efficiency
Package
(Case/
Pinout)
VOUT
(Volts)
IOUT
(Amps,
Max.)
Power
R/N (mV pk-pk)
Regulation (Max.)
VIN Nom.
(Volts)
Range
(Volts)
IIN, no
load
(mA)
IIN, full
load
(Amps)
(Watts)
Typ.
Max.
Line
Load
Min.
Typ.
HPH-1.5/80-D48N-C
1.5
80
120
Please contact Murata Power Solutions for further information. N
HPH-1.8/80-D48N-C
1.8
80
144
HPH-2.5/80-D48N-C
2.5
80
200
HPH-3.3/70-D48N-C
3.3
70 f
231
100
125
±0.25%
±0.25%
48
36-75
70
5.35
88%
90%
C61
P17
HPH-5/40-D48N-C
5
40
200
100
125
±0.25%
±0.25%
48
36-75
70
4.58
90%
91%
C61
P17
HPH-12/30-D48N-C
12
30 f
360
100
200
±0.05%
±0.1%
48
36-75
150
8.06
92%
93%
C61
P17
M Please refer to the full model number structure for additional ordering part numbers and options.
N Contact Murata Power Solutions for availability.
O All specifications are at nominal line voltage and full load, +25ºC. unless otherwise noted. See detailed specifications.
f Full power continuous output requires baseplate installation. Please refer to the derating curves.
Nominal Output Voltage
3.3
HPH
70
-
/
D48
Maximum Output Current
in Amps
Unipolar
High-Power Series
-
N
H
H
LX
B
Input Voltage Range:
D48 = 36-75 Volts (48V nominal)
Conformal coating (optional)
Blank = no coating, standard
H = Coating added, optional, special quantity order
Pin length option
Blank = standard pin length 0.180 in. (4.6 mm)
L1 = 0.110 in. (2.79 mm)*
L2 = 0.145 in. (3.68 mm)*
*Special quantity order required
- C
RoHS Hazardous Materials compliance
C = RoHS-6 (no lead), standard
Y = RoHS-5 (with lead), optional, special quantity order
Note: Some model combinations may not be
available. Contact Murata Power Solutions for
availability.
On/Off Control Polarity
N = Negative polarity, standard
P = Positive polarity, optional
Baseplate (optional)
Blank = No baseplate, standard
B = Baseplate installed, optional quantity order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com