Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPH-3.3/70-D48PBY Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # HPH-3.3/70-D48PBY
Description  Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPH-3.3/70-D48PBY Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button HPH-3.3/70-D48PBY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HPH Series
Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_HPH_A12 Page 11 of 12
Typical Performance Curves
70
72
74
76
78
80
82
84
86
88
90
92
94
96
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
20
22
24
26
HPH-5/40-D48
Efficiency and Power Dissipation Vs. Load Current @ +25ºC
Load Current (Amps)
VIN = 75V
VIN = 48V
VIN = 36V
Power Dissipation @ VIN = 48V
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
30
35
40
45
50
55
60
65
70
75
80
Ambient Temperature (ºC)
HPH-5/40-D48 Maximum Current Temperature Derating
(VIN=48V, Airflow is from VIN to VOUT)
100 LFM
200 LFM
300 LFM
400 LFM
10
15
20
25
30
35
40
45
50
55
60
65
70
75
30
35
40
45
50
55
60
65
70
75
80
100 LFM
200 LFM
300 LFM
400 LFM
HPH-3.3/70-D48 Maximum Current Temperature Derating
(VIN=48V, Airflow is from VIN to VOUT, no baseplate)
Ambient Temperature (ºC)
VIN = 75 V
VIN = 50 V
VIN = 36 V
76
78
80
82
84
86
88
90
92
94
10
20
30
40
50
60
70
HPH-3.3/70-D48
Efficiency and Power Dissipation Vs. Load Current @ +25ºC
Load Current (Amps)
0
10
20
30
40
50
60
70
80
30
35
40
45
50
55
60
65
70
75
80
100 LFM
200 LFM
300 LFM
400 LFM
HPH-3.3/70-D48 Maximum Current Temperature Derating
(VIN=48V, Airflow is from VIN to VOUT, with baseplate)
Ambient Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com