Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPH-3.3/70-D48PBY Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # HPH-3.3/70-D48PBY
Description  Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPH-3.3/70-D48PBY Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button HPH-3.3/70-D48PBY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. HPH-3.3/70-D48PBY Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
HPH Series
Isolated, Low VOUT to 70A, Half-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
02/19/09
MDC_HPH_A12 Page 12 of 12
Typical Performance Curves, Continued
70
75
80
85
90
95
100
3
6
9
1215
1821242730
0
8
16
24
32
40
48
HPH-12/30-D48
Efficiency and Power Dissipation Vs. Line Voltage and Load Current @ +25ºC
Load Current (Amps)
VIN = 75V
VIN = 48V
VIN = 36V
Power Dissipation @ Vin = 48V
0
5
10
15
20
25
30
35
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (ºC)
HPH-12/30-D48 Maximum Current Temperature Derating at Sea Level
(Vin = 48V, Airflow is from input to output, baseplate is installed)
Natural convection
100 LFM
200 LFM
300 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com