Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0034 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 9Page - STMicroelectronics UM0034 Datasheet HTML 10Page - STMicroelectronics UM0034 Datasheet HTML 11Page - STMicroelectronics UM0034 Datasheet HTML 12Page - STMicroelectronics UM0034 Datasheet HTML 13Page - STMicroelectronics UM0034 Datasheet HTML 14Page - STMicroelectronics UM0034 Datasheet HTML 15Page - STMicroelectronics UM0034 Datasheet HTML 16Page - STMicroelectronics UM0034 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
ST7-EMU3 series emulator
Connectivity
13/39
address must be unique on your network. In Figure 14, we have used
164.129.123.244
as the IP address. Press the Enter key on your keyboard.
8.
The Hyperterminal console will indicate that the IP address has been set, and will also
report the submask.
9.
At the prompt type nvsave, and press Enter, to save your configuration (Figure 14).
10. The Hyperterminal console will indicate that your configuration has been saved
11. Exit the Hyperterminal console and disconnect the serial cable between your host PC
and the ST Micro Connect box. Connect it to your network using an Ethernet
connection.
12. Ensure that no application board is connected to your ST Micro Connect box, then
reboot it by switching it off and then on again. When rebooted, your network will
recognize the device by its new IP address.
Figure 11.
Hyperterminal new connection
Figure 12.
Connecting to a COM port
Figure 13.
Configuring the COM port
Figure 14.
Configuration saved
Assign the IP address
Save the configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com