Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0034 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 19Page - STMicroelectronics UM0034 Datasheet HTML 20Page - STMicroelectronics UM0034 Datasheet HTML 21Page - STMicroelectronics UM0034 Datasheet HTML 22Page - STMicroelectronics UM0034 Datasheet HTML 23Page - STMicroelectronics UM0034 Datasheet HTML 24Page - STMicroelectronics UM0034 Datasheet HTML 25Page - STMicroelectronics UM0034 Datasheet HTML 26Page - STMicroelectronics UM0034 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
ST7-EMU3 series emulator
Emulation configuration
23/39
4.5
Sharing ST Micro Connect with EMU3 probe and ICC Add-on
Your ST Micro Connect box is the main component for using both the EMU3 probe for
emulation and the ICC Add-on for in-circuit communication.
You can use the same ST Micro Connect box in both cases if you follow these guidelines:
Use only one connection at a time, either the EMU3 probe or ICC add-on connection.
When switching from the EMU3 probe to the ICC Add-on, follow the procedure below.
Switching from EMU3 probe configuration to ICC Add-on configuration:
1.
Switch off the application board.
2.
Switch off the ST Micro Connect box.
3.
Disconnect the EMU3 probe from the application board socket.
4.
Place your ST7 in its socket on the application board.
5.
Plug the ICC cable into the HE10 connector on your application board.
6.
Switch on the ST Micro Connect box.
7.
Switch on the application board.
4.6
Automatic firmware updates
The ST Micro Connect box and EMU3 probe have been designed so that their respective
firmware is updated automatically. Your emulator firmware may require updating if you have
changed the TEB or if you update your version of STVD7. The update is done automatically
if you start a debugging session and STVD7 detects an old firmware version. For more
information refer to the STVD7 User Manual.
4.7
Emulator functional limitations and discrepancies
4.7.1
Voltage limitation for I2C peripheral
For all target ST7s, if the I2C peripheral is used, you must limit the pull-up resistor to
1.5 kOhms.
4.7.2
Memory emulation limitation
The memory zones listed below can only be configured as RAM, ROM, Non-existent
memory (NEM), vectors or stack.
from 0x00E0 to 0x00FF
from 0xEBE0 to 0xFFE0
4.7.3
Limitations and discrepancies for specific MCUs or families of MCUs
Specific MCUs or families of MCUs may be subject to emulation limitations or discrepancies.
You will find information about these specific limitations in STVD7’s Discrepancies window.
For more information refer to the STVD7 User Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com