Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0034 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 17Page - STMicroelectronics UM0034 Datasheet HTML 18Page - STMicroelectronics UM0034 Datasheet HTML 19Page - STMicroelectronics UM0034 Datasheet HTML 20Page - STMicroelectronics UM0034 Datasheet HTML 21Page - STMicroelectronics UM0034 Datasheet HTML 22Page - STMicroelectronics UM0034 Datasheet HTML 23Page - STMicroelectronics UM0034 Datasheet HTML 24Page - STMicroelectronics UM0034 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
ST7-EMU3 series emulator
Emulation configuration
21/39
4.4
EMU3 probe
The EMU3 probe (Figure 21) has a modular design that allows you to emulate the full range
of ST7. This design is based on:
1.
an interchangeable, target emulation board (TEB) that is specific to the ST7 or family of
ST7s that you want to emulate.
2.
a common emulation board (CEB) and a dedicated emulation board (DEB) that are
common to all ST7. The TEB connects to the DEB, which is housed in your EMU3
probe.
The probe connects to your application board during emulation via a flex adapter and
socket. In addition, an analyzer input connector allows the connection of external devices, or
input signals from your application hardware. More information about these connections is
provided in the ST7xxxx-EMU3 Probe User Guide.
Figure 21.
EMU3 probe
4.4.1
Target emulation board (TEB)
To reconfigure your EMU3 probe to emulate another ST7 or family of ST7s, simply install the
appropriate target emulation board (TEB) in the EMU3 probe. TEBs can be ordered
independently. For information about the TEB to choose, refer to the ST Product and Tool
Selection Guide. Installing and changing the TEB is described in detail in the ST7xxxx-
EMU3 Probe User Guide provided with your probe.
4.4.2
Application board connectors
Connectors on the TEB allow you to connect your probe to your application board, using the
appropriate flex adapter and socket. How you connect your EMU3 probe to your application
board depends on the ST7 and its package. Different application connectors are provided
with your emulator, depending on the MCUs supported by its probe. For a list of connectors
provided with your probe and detailed installation instructions, refer to the ST7xxxx-EMU3
Probe User Guide provided with your probe.
EMU3 probe
Access for flex adapter for
connection to the application board
Micro Connect ports
Analyzer input
connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com