Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0034 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 18Page - STMicroelectronics UM0034 Datasheet HTML 19Page - STMicroelectronics UM0034 Datasheet HTML 20Page - STMicroelectronics UM0034 Datasheet HTML 21Page - STMicroelectronics UM0034 Datasheet HTML 22Page - STMicroelectronics UM0034 Datasheet HTML 23Page - STMicroelectronics UM0034 Datasheet HTML 24Page - STMicroelectronics UM0034 Datasheet HTML 25Page - STMicroelectronics UM0034 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Emulation configuration
ST7-EMU3 series emulator
22/39
4.4.3
Analyzer input connector
An analyzer input connector is located on the EMU3 probe as shown in Figure 21. The
analyzer input connector allows you to use 8 external input signals (TTL level). The
connector has nine pins—one ground pin (the right-most pin) and eight input signal pins (1-
8), as shown in Figure 22.
Figure 22.
Analyzer probe input connections
A specially-adapted 9-wire cable is included to connect your application or an external
device (such as an oscilloscope or multi-meter) to these inlets. Each wire is color-coded as
summarized in Table 2:
4.4.4
Application power supply follower
Your emulator is equipped with an automatic power supply follower, which converts your
application power to the range supported by the emulator. The emulator’s internal power
supply regulator supports a VDD voltage up to 5.5 V. The lower limit of the range depends on
the ST7 you are emulating. For more information, refer to your ST7xxxx Datasheet.
If your application’s voltage lies outside of the range supported by your emulator or your
ST7, the emulator’s power supply follower will convert the voltage to within the appropriate
range – for example, even if the application voltage is 6 V, it will be limited by the emulator to
5.5 V.
Table 2.
Analyzer input pin-wire correspondence
Analyzer input pin
Wire color
Ground (GND)
Black
1Brown
2Red
3
Orange
4
Yellow
5
Green
6Blue
7Purple
8Grey
8 7 6 5 4 3 2 1 GND
1 ground pin (GND) and 8 male input pins (1-8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com