Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0034 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 28Page - STMicroelectronics UM0034 Datasheet HTML 29Page - STMicroelectronics UM0034 Datasheet HTML 30Page - STMicroelectronics UM0034 Datasheet HTML 31Page - STMicroelectronics UM0034 Datasheet HTML 32Page - STMicroelectronics UM0034 Datasheet HTML 33Page - STMicroelectronics UM0034 Datasheet HTML 34Page - STMicroelectronics UM0034 Datasheet HTML 35Page - STMicroelectronics UM0034 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Glossary
ST7-EMU3 series emulator
32/39
Appendix C
Glossary
CEB (Common emulation board)
One of three boards that make up the EMU3 probe. It provides the link between the
probe and the ST Micro Connect box, and is common to all EMU3 probes.
DEB (Dedicated emulation board)
One of three boards that make up the EMU3 probe. The DEB is specific to ST7. This
board provides the link between the TEB and the CEB.
Debug module
An ST7 hardware peripheral that is able to manage instruction stepping, complex
breakpoints and abort for in-circuit debugging.
DIL (Dual In-line)
A type of device package with two rows of pins for thru-hole mounting. Sometimes also
called DIP (Dual In-line Package).
ECP (Extended capabilities port communication standard)
A parallel-port standard that supports bi-directional communication between a PC and
a peripheral device.
EEPROM (Electrically erasable programmable read-only memory)
A non-volatile type of memory that can be erased and reprogrammed by program
instructions. Since no special power supplies or ultra-violet light source is needed, the
contents of this kind of memory can be changed without removing the MCU from the
application system.
EPP (Enhanced parallel port communication standard)
A parallel port standard that supports bi-directional communication between a PC and
a peripheral device other than a printer.
EPROM (Erasable programmable read-only memory)
A non-volatile type of memory that can be erased by exposure to an ultra-violet light
source. MCUs that have EPROM are easily recognized because the package has a
quartz window to allow exposure to the UV light. If the EPROM MCU is packaged in an
opaque plastic package, it is called a “one-time programmable” OTP MCU because
there is no way to expose the EPROM to a UV light source.
Footprint
The dimensions of the location of a component on a printed circuit board or in a socket.
It depends on the number of pins, their size, type and positioning. The footprint of each
ST7 device is specified in the datasheet in the section titled Package Mechanical Data.
(Refer to the ST7 MCU FAMILY DATABOOK or the datasheets provided on the
“Microcontroller Development Tools” CD-ROM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com