Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0034 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 24Page - STMicroelectronics UM0034 Datasheet HTML 25Page - STMicroelectronics UM0034 Datasheet HTML 26Page - STMicroelectronics UM0034 Datasheet HTML 27Page - STMicroelectronics UM0034 Datasheet HTML 28Page - STMicroelectronics UM0034 Datasheet HTML 29Page - STMicroelectronics UM0034 Datasheet HTML 30Page - STMicroelectronics UM0034 Datasheet HTML 31Page - STMicroelectronics UM0034 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
In-circuit communication configuration
ST7-EMU3 series emulator
28/39
5.3
ICC Add-on
The ICC Add-on is the hardware link between your ST Micro Connect box and the the ST7
on your application board. It connects to the ST Micro Connect box via the 26-pin ‘Ext Link’
connection on the front panel, and plugs directly into your application board by way of a
standard HE10 connector.
5.3.1
Voltage selector
You have designed your application to use either 3.3 or 5 V as the signal voltage for your
ICC Add-on. The voltage selector switch on the ICC Add-on must be set to the voltage you
selected when designing your application. The selector switch is located on the top of the
ICC Add-on’s board (see Figure 26).
Set the voltage of the ICC Add-on by switching the voltage selector switch to the appropriate
voltage as shown in Figure 26, below:
Figure 26.
ICC Add-on voltage selector switch
5.4
Sharing ST Micro Connect with ICC Add-on and EMU3 probe
Your ST Micro Connect box is the main component for using both the ICC Add-on for in-
circuit communication and the ST7-EMU3 series probes for emulation.
You can use the same ST Micro Connect box in both cases if you follow these guidelines:
●
Only use one connection at a time, either the ICC Add-on or the
EMU3 probe.
●
When switching from the ICC Add-on to the EMU3 probe, follow the procedure below.
Switching from ICC Add-on configuration to EMU3 probe configuration
1.
Switch off the application board.
2.
Switch off the ST Micro Connect box.
3.
Unplug the ICC cable from the HE10 connector on your application board.
4.
Remove the ST7 and connect the EMU3 probe to the application board socket.
5.
Switch on the ST Micro Connect box.
6.
Switch on the application board.
ICC Add-on board
voltage selector switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com