Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23836-C18-R363 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # V23836-C18-R363
Description  1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

V23836-C18-R363 Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button V23836-C18-R363 Datasheet HTML 3Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 4Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 5Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 6Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 7Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 8Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 9Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 10Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
V23836-C18-R363 Product Specification – October 2006
© Finisar Corporation October 2006 Rev. A Preliminary Data
7
Recommended Operating Conditions
Values
Parameter
Symbol
min.
typ.
Max.
Unit
Ambient Temperature
TAMB
0
70
°C
Power Supply Voltage
VCC–VEE
3.15
3.3
3.6
V
Supply Current1)
5 V
3.3 V
ICC
200
150
250
250
mA
Transmitter
Data Input High Voltage DC/DC
VIH–VCC
–1100
–740
mV
Data Input Low Voltage DC/DC
VIL–VCC
–2000
–1580
mV
Input Data Rise/Fall Time
10% - 90%
tR, tF
0.4
1.3
ns
Receiver
Input Center Wavelength
λC
1100
1600
nm
Notes:
1) For VCC–VEE (min., max.) 50% duty cycle. The supply current does not include the load drive current of the receiver output.
The electro-optical characteristics described in the following tables are only valid for
useunder the recommended operating conditions.
Transmitter Electro-Optical Characteristics
Values
Parameter
Symbol
min.
typ.
max.
Unit
Launched Power (Average)1)
PO
–15
–8
dBm
Center Wavelength
λC
1260
1360
nm
Spectral Width (RMS)
σI
7.7
nm
μ
Extinction Ratio (Dynamic)
ER
8.2
dB
Reset Threshold2)
VTH
2.7
2.9
V
Eye Diagram3)
ED
Compliant
Notes:
1) Into single mode fiber, 9µm diameter
2) Laser power is shut down if power supply is below VTH min. and switched on if power supply is above VTH max.
3) Transmitter meets ANSI T1E1.2, SONET OC-3 and ITU-T G.957 mask patterns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com