Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23836-C18-R363 Datasheet(PDF) 3 Page - Finisar Corporation.

Part # V23836-C18-R363
Description  1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

V23836-C18-R363 Datasheet(HTML) 3 Page - Finisar Corporation.

  V23836-C18-R363 Datasheet HTML 1Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 2Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 3Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 4Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 5Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 6Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 7Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 8Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
V23836-C18-R363 Product Specification – October 2006
© Finisar Corporation October 2006 Rev. A Preliminary Data
3
DESCRIPTION
The Finisar single mode ATM transceiver complies with the ATM Forum’s Network
Compatible ATM for Local Network Applications document and ANSI’s Broadband
ISDN-Customer Installation Interfaces, Physical Media Dependent Specification,
T1.646-1995, Bellcore - SONET OC-3 IR-1 and ITU-T G.957 STM-1 S-1.1.
SUPPORTED LINK LENGTHS
Reach
Category within Standard
min.
max.
1)
Unit
SDH STM S-1.1
0
15,000
SONET OC-3 IR-1
0
21,000
meters
Notes:
1) Maximum reach over fiber type SM-G.652 as defined by ITU-T G.957 and Telcordia GR-253-CORE
standards. Longer reach possible depending upon link implementation.
ATM was developed to facilitate solutions in multimedia applications and real time
transmission. The data rate is scalable, and the ATM protocol is the basis of the
broadband public networks being standardized in the International Telecommunications
Union (ITU), the former International Telegraph and Telephone Consultative Committee
(CCITT). ATM can also be used in local private applications.
The Finisar single mode ATM transceiver is a single unit comprised of a transmitter, a
receiver, and an SC receptacle. This design frees the customer from many alignment and
PC board layout concerns. The module is designed for low cost WAN applications. It can
be used as the network end device interface in workstations, servers, and storage devices,
and in a broad range of network devices such as bridges, routers, and intelligent hubs, as
well as wide area ATM switches.
This transceiver operates at 155.520Mbit/s from a single power supply. The differential
data inputs and outputs are DC-coupled and PECL compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com