Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23836-C18-R363 Datasheet(PDF) 8 Page - Finisar Corporation.

Part # V23836-C18-R363
Description  1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

V23836-C18-R363 Datasheet(HTML) 8 Page - Finisar Corporation.

Back Button V23836-C18-R363 Datasheet HTML 4Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 5Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 6Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 7Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 8Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 9Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 10Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 11Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 12Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
V23836-C18-R363 Product Specification – October 2006
© Finisar Corporation October 2006 Rev. A Preliminary Data
8
Receiver Electro-Optical Characteristics
Values
Parameter
Symbol
min.
typ.
max.
Unit
Sensitivity (Average Power)1)
5 V
3.3 V
PIN
–36 –28
–31
dBm
Saturation (Average Power)
PSAT
–8
dBm
Signal Detect Assert Level2)
PSDA
–34
dBm
Signal Detect Deassert Level3)
PSDD
–44
dBm
Signal Detect Hysteresis
PSDA–PSDD
1
2
5
dB
Signal Detect Assert Time
tASS
75
100
µs
Signal Detect Deassert Time
tDAS
80
350
µs
Output Low Voltage4)
VOL–VCC
–2000
–1580
mV
Output High Voltage4)
VOH–VCC
–1100
–740
mV
Output Data Rise/Fall Time, 20% - 80% tR, tF
1.6
ns
Output SD Rise/Fall Time
10
40
ns
Notes:
1) Minimum average optical power at which the BER is less than 1x10–10 or lower. Measured with a 223–1 NRZPRBS as
recommended by ANSI T1E1.2, SONET OC-3 and ITU-T G.957. BOL value –31 dBm max.
2) An increase in optical power of data signal above the specified level will cause the Signal Detect to switch from a low state to a
high state.
3) A decrease in optical power of data signal below the specified level will cause the Signal Detect to switch froma high state to a low
state.
4) DC/DC, PECL for Signal Detect, PECL compatible. Load is 50Ω into VCC–2 V for data, 510 Ω to VEE for SignalDetect. Measured
under DC conditions. For dynamic measurements a tolerance of 50 mV should be added.VCC = 3.3 V. TAMB = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com