Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23836-C18-R363 Datasheet(PDF) 11 Page - Finisar Corporation.

Part # V23836-C18-R363
Description  1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

V23836-C18-R363 Datasheet(HTML) 11 Page - Finisar Corporation.

Back Button V23836-C18-R363 Datasheet HTML 5Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 6Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 7Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 8Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 9Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 10Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 11Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 12Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 13Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
V23836-C18-R363 Product Specification – October 2006
© Finisar Corporation October 2006 Rev. A Preliminary Data
11
This application note assumes Fiber Optic transceivers using 3.3V power supply and
SerDes Chips using either 3.3V or 5V power supply. It also assumes no self biasing at the
receiver data inputs (RD+/RD–) of the SerDes chip (Refer to the manufacturer Product
Specification for other applications).
Value of R1...R4 may vary as long as proper 50Ω termination to VEE or 100Ω
differential is provided. The power supply filtering is required for good EMI
performance. Use short tracks from the inductor L1/L2 to the module VCCRx/VCCTx.
Further application notes for electrical interfacing are available upon request. Ask for
Appnote 82.
We strongly recommend a VEE plane under the module for getting good EMI
performance.
The transceiver contains an automatic shutdown circuit. Reset is only possible if the
power is turned off, and then on again. (VCCTx switched below VTH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com