Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23836-C18-R363 Datasheet(PDF) 10 Page - Finisar Corporation.

Part # V23836-C18-R363
Description  1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

V23836-C18-R363 Datasheet(HTML) 10 Page - Finisar Corporation.

Back Button V23836-C18-R363 Datasheet HTML 5Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 6Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 7Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 8Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 9Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 10Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 11Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 12Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 13Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
V23836-C18-R363 Product Specification – October 2006
© Finisar Corporation October 2006 Rev. A Preliminary Data
10
Application Notes
ATM transceivers and matching circuits are high frequency components and shall be
terminated as recommended in the application notes for proper EMI performance.
Electromagnetic emission may be caused by these components.
To prevent emissions it is recommended that cutouts for the fiber connectors be designed
as small as possible.
It is recommended that the Tx plug and the Rx plug be separated with a bar that divides
the duplex SC opening.
Single Mode 155 Mbit/s ATM 1x9 Transceiver, DC/DC PECL Version
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com