Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23836-C18-R363 Datasheet(PDF) 12 Page - Finisar Corporation.

Part # V23836-C18-R363
Description  1x9 RoHS Compliant Transceiver with Duplex SC Receptacle Single Mode 1310 nm 21 km SONET OC-3/SDH STM-1
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

V23836-C18-R363 Datasheet(HTML) 12 Page - Finisar Corporation.

Back Button V23836-C18-R363 Datasheet HTML 5Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 6Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 7Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 8Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 9Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 10Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 11Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 12Page - Finisar Corporation. V23836-C18-R363 Datasheet HTML 13Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
V23836-C18-R363 Product Specification – October 2006
© Finisar Corporation October 2006 Rev. A Preliminary Data
12
Package Outlines
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com