Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LEAB1 Datasheet(PDF) 10 Page - JDS Uniphase Corporation

Part # JXP-01LEAB1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LEAB1 Datasheet(HTML) 10 Page - JDS Uniphase Corporation

Back Button JXP-01LEAB1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 10Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 11Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 12Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 13Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 14Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1310 NM FOR UP TO 10 KM REACH
Parameter
Symbol
Min
Max
Unit
Notes
TransmitterelectricalinputjitterfromhostatB(detailedspecificationinXFPMSAINF8077iRev.4.5)1
Total non-EQJ jitter
0.41
UI(p-p)
Total jitter less ISI
Total jitter
TJ
0.61
UI(p-p)
Eye mask
X1
0.305
UI
Mask coordinate X1=0.205 if total non-DDJ
is measured
Eye mask
Y1
60
mV
Eye mask
Y2
410
mV
50 mV is allocated for multiple reflections
ReceiverelectricaloutputjittertohostatC(detailedspecificationinXFPMSAINF8077iRev.4.5)1
Deterministic jitter
DJ
0.18
UI(p-p)
Includes jitter transferred from the optical receiver
during any valid operational input condition.
Total jitter
TJ
0.34
UI(p-p)
Includes jitter transferred from the optical receiver
during any valid operational input condition.
Eye mask
X1
0.17
UI
Eye mask
X2
0.42
UI
Eye mask
Y1
170
mV
Eye mask
Y2
425
mV
Telecommoduleopticaltransmitterandreceiverjitter(detailedspecificationinXFPMSAINF8077iRev.4.5andGR-253-CORE
Issue4-2005)2
JittertransferbandwidthBW
8
MHz
PRBS231-1, OC-192 /
SDH-64 Sinusoidal Jitter Tolerance Mask
Jitter peaking
1
dB
Frequency >120 KHz
Transmitter jitter generation
0.3
UIpp
20 KHz to 80 MHz
0.1
UIpp
4 MHz to 80 MHz
Datacommoduleopticaltransmitterandreceiverjitter(detailedspecificationinXFPMSAINF8077iRev.4.5)1
Jittertransferbandwidth BW
8
MHz
PRBS231-1, Data or scrambled 64 B/66 B as
detailed in IEEE 802.3-2005 Clause 52
Jitter peaking
1
dB
Frequency >50 KHz
1. Specifications are applicable to all Part Numbers listed in Section 3.4.
2. Specifications are applicable to SONET / SDH compliant Part Numbers listed in Section 3.4 only.
3.6
Jitter Specifications
Parameter
Symbol
Min
Max
Unit
Notes
TX_DIS assert time
t_off
10
µsec
Rising edge of TX_DIS to fall of output signal below
10% of nominal
TX_DIS negate time
t_on
2
msec
Falling edge of TX_DIS to rise of output signal above
90% of nominal
Time to initialize
t_init
300
msec
From power on or from falling edge of P_Down/RST
Interrupt assert delay
Interrupt_on
200
msec
From occurrence of the condition triggering Interrupt.
Interrupt negate delay
Interrupt_off
500
µsec
From clear on read Interrupt flags
P_Down/RST assert delay
P_Down/RST_on
100
µsec
From power down initiation
Mod_NR assert delay
Mod_NR_on
1
msec
From occurrence of fault to assertion of Mod_NR
Mod_NR negate delay
Mod_NR_off
1
msec
From clearance of signal to negation of Mod_NR
P-Down reset time
10
µsec
Min. length of P-Down assert to initiate reset
RX_LOS assert delay
t_loss_on
100
µsec
From Occurrence of loss of signal to assertion of RX_LOS
RX_LOS negate delay
t_loss_off
100
µsec
From Occurrence of return of signal to negation of RX_LOS
Note:
Two-wire serial bus timing is described in Chapter 4 of XFP MSA INF8077i Rev. 4.5.
3.7
Timing Requirement of Control and Status I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com