Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LEAB1 Datasheet(PDF) 16 Page - JDS Uniphase Corporation

Part # JXP-01LEAB1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LEAB1 Datasheet(HTML) 16 Page - JDS Uniphase Corporation

Back Button JXP-01LEAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 10Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 11Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 12Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 13Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 14Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 15Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 16Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
4.3 Eye Safety
The JDSU 10 Gbps 1310 nm multiprotocol XFP optical transceiver is an interna-
tional Class 1 laser product per IEC 60825-1 second edition 2007. The product
also complies with U.S.A. regulations for Class 1 products contained in 21 CFR
1040.10 and 1040.11. Laser emissions from Class 1 laser products are not consid-
ered hazardous when operated within the limits of this specification.
Operating this product in a manner inconsistent with intended usage and specifi-
cation may result in hazardous radiation exposure.
Caution
Tampering with this laser based product or operating this product outside the
limits of this specification may be considered an act of “manufacturing,” and will
require, under law, recertification of the modified product with the U.S. Food and
Drug Administration (21 CFR 1040).
NORTH AMERICA: 800 498-JDSU (5378)
wORlDwIDE: +800 5378-JDSU
wEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. © 2009 JDS Uniphase Corporation 30149346 003 0409 JXP-01LXAX1.DS.CMS.AE
April 2009
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1310 NM FOR UP TO 10 KM REACH
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Sample: JXP-01lMAB1
Product Code
Description
JXP-01LMAB1
Multiprotocol,OC-192SR-1,10GbE/FCLR/LW,1310nm,industrialtemperaturerange10GbpsXFPopticaltransceiver
JXP-01LMAC1
Multiprotocol,OC-192SR-1,10GbE/FCLR/LW,1310nm,commercialtemperaturerange10GbpsXFPopticaltransceiver
JXP-01LEAB1
10GbE/FCLR/LW,1310nm,industrialtemperaturerange10GbpsXFPopticaltransceiver
JXP-01LGAB1
10GbE/FCLR/LW,1310nm,commercialtemperaturerange10GbpsXFPopticaltransceiver
CLASS 1 LASER PRODUCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com