Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LEAB1 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # JXP-01LEAB1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LEAB1 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  JXP-01LEAB1 Datasheet HTML 1Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 2Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 3Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 4Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 5Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
MUlTIPROTOCO l XFP O PTICA l TRANSCEI vER
—1310 NM FOR UP TO 10 KM REACH
Technical specifications related to the 10 Gbps 1310 nm multiprotocol XFP optical
transceiver includes:
•Section3.1
PinFunctionDefinitions
•Section3.2
XFP/XFIReferenceModelCompliancePoints
•Section3.3
AbsoluteMaximumRatings
•Section3.4
OperatingConditions
•Section3.5
ElectricalCharacteristics
•Section3.6
JitterSpecifications
•Section3.7
TimingRequirementofControlandStatusI/O
•Section3.8
XFPTwo-wireInterfaceProtocolandManagementInterface
•Section3.9
OpticalTransmitterCharacteristics
•Section3.10
OpticalReceiverCharacteristics
•Section3.11
RegulatoryCompliance
•Section3.12
PCBLayout
•Section3.13
ModuleOutline
•Section3.14
Connectors
Section 3
Specifications
Figure 2
Application schematics for the 10 Gbps 1310 nm XFP optical transceiver
TD +/-
RD +/-
2
2
2
POWER
INPUT
OUTPUT
XFP Module
CDR
CDR
System
Loopback
TIA
Laser
Driver
uController
ROSA
TOSA
LC
LC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com