Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LEAB1 Datasheet(PDF) 12 Page - JDS Uniphase Corporation

Part # JXP-01LEAB1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LEAB1 Datasheet(HTML) 12 Page - JDS Uniphase Corporation

Back Button JXP-01LEAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 10Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 11Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 12Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 13Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 14Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 15Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 16Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1310 NM FOR UP TO 10 KM REACH
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Center wavelength
λ
1290
1330
nm
-20 dB spectral width
∆λ
1
nm
Sidemode suppression ratio
SSR
30
dB
Relative intensity noise
RIN12OMA
-128
dB/Hz
Average optical power (SONET/SDH) (EOL)
Pavg
-6.0
-1.0
dBm
Extinction ratio1 (SONET/SDH)
ER
6
7
dB
Chromatic dispersion penalty
PCD
6.6
ps/nm
Optical path penalty
DP
1.0
dB
Return loss tolerance
14
dB
Datacommoduleopticaltransmittercharacteristics2
OMA (optical modulation amplitude)
OMA
-5.2
dBm
Transmitter and dispersion penalty
TDP
3.9
dB
Average optical power (10GbE/10GFC) (EOL) Pavg
-8.2
0.5
dBm
Extinction ratio1 (10GbE/10GFC)
ER
3.5
dB
1. Tested with PRBS 231-1 pattern
2. Applicable to non SONET/SDH compliant Part Numbers listed in Section 3.4 only.
3.9
Optical Transmitter Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Center wavelength
λ
1260
1600
nm
Receiver sensitivity1
Rsen
-14.4
dBm
Stressed receive sensitivity2
SRS
-10.3
dBm
Receive overload3
Pmax
1
dBm
Receiver reflectance
Rrx
-14
dB
LOS assert
Plos_on
-30
-20
dBm
LOS deassert
Plos_off
-18.5
dBm
LOS hysteresis
0.5
6
dB
Note: Specifications are applicable to the operating temperature range listed in Section 3.4
1. Guaranteed at 10.709 Gbps. Measured with worst ER; BER<10-12; 231-1 PRBS. Equivalent to -12.6 dBm OMA at ER = 6 dB.
2. Guaranteed at 11.35 Gbps.
3. Guaranteed up to 10.709 Gbps.
3.10
Optical Receiver Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com