Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LEAB1 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # JXP-01LEAB1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LEAB1 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  JXP-01LEAB1 Datasheet HTML 1Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 2Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 3Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 4Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 5Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
MUlTIPROTOCO l XFP O PTICA l TRANSCEI vER
—1310 NM FOR UP TO 10 KM REACH
low-speed Signaling
Low-speed signaling is based on low voltage TTL (LVTTL) operating at a nominal
voltage of 3.3 V.
SCL/SDA: Two-wire serial interface clock and data line. Hosts should use a pull-up
resistor connected to Vcc 3.3 V on the two-wire interface SCL (clock), SDA (data),
and all low speed outputs.
Mod_NR:Outputpin.Whenassertedhigh,indicatesthatthemodulehasdetecteda
condition that renders Tx and or Rx data invalid.
Mod_DeSel:Inputpin.Whenheldlowbythehostthemodulerespondstotwo-wire
serialcommunicationcommands.Whenhigh,themoduledoesnotrespondto,or
acknowledge any, two-wire interface communication from the host.
Interrupt:Outputpin.Whenlow,indicatespossiblemoduleoperationalfaultora
status critical to the host system.
TX_DIS:Inputpin.Whenassertedhigh,thetransmitteroutputisturnedoff.
Mod_ABS: Output pin. Asserted high when the XFP module is absent, and is pulled
low when the XFP module is inserted.
RX_LOS: Output pin. Asserted high when insufficient optical power for reliable sig-
nal reception is received.
P_Down/RST: Multifunction input pin. The module can be powered down or reset
by pulling the low-speed, P-Down pin high. In power-down mode, no data is trans-
mitted on the optical Tx or the electrical Rx path. The reset pulse is generated on the
falling edge of the P-Down signal. Following reset, the internal PLLs must reacquire
lock and will temporarily indicate a Mod_NR failure until the PLLs reacquire lock.
Recommended MSA connections to the 10 Gbps 1310 nm multiprotocol XFP opti-
cal transceiver are shown in Figure 2.
Power supply filtering is recommended for the JDSU 10 Gbps 1310 nm multipro-
tocol XFP optical transceiver. To limit wide band noise power, the host system and
module shall each meet a maximum of two percent peak-to-peak noise when mea-
sured with a one MHz low-pass filter. In addition, the host system and the module
shall each meet a maximum of three percent peak-to-peak noise when measured
with a filter from 1 – 10 MHz.
Section 2
Application Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com