Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JXP-01LEAB1 Datasheet(PDF) 9 Page - JDS Uniphase Corporation

Part # JXP-01LEAB1
Description  Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JXP-01LEAB1 Datasheet(HTML) 9 Page - JDS Uniphase Corporation

Back Button JXP-01LEAB1 Datasheet HTML 5Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 6Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 7Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 9Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 10Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 11Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 12Page - JDS Uniphase Corporation JXP-01LEAB1 Datasheet HTML 13Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
MUlTIPROTOCOl XFP OPTICAl TRANSCEIvER
—1310 NM FOR UP TO 10 KM REACH
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Supplycurrentsandvoltages
Voltage3
VCC3
3.13
3.3
3.47
V
WithrespecttoGND
Voltage5
VCC5
4.75
5
5.25
V
WithrespecttoGND
Voltage2
VCC2
1.8
V
Not used
Supply current3
ICC3
750
mA
Supply current5
ICC5
500
mA
Supply current2
ICC2
0
mA
VPS; Not used
Powerdissipation
Pwr
2.5
W
Low-speedcontrolandsensesignals(detailedspecificationinXFPMSAINF8077iRev.4.5)
Outputs (Interrupt,
VOL
0
0.4
V
Rpullup pulled to host _Vcc,
Mod_NR, RX_LOS)
measured at host side of connector.
IOL(max)=3 mA
VOH
host_Vcc-0.5
host_Vcc+ 0.3
V
Rpullup pulled to host _Vcc,
measured at host side of connector
Inputs (TX_DIS,
VIL
-0.3
0.8
V
Pulled up in module to Vcc3
P_Down/RST, M_DSEL) VIH
2
Vcc3+ 0.3
V
Pulled up in module to Vcc3
SCL and SDA Inputs
V
IL
-0.3
Vcc3*0.3
V
Rpullup pulled to host _Vcc,
measured at XFP side of connector
VIH
Vcc3*0.7
Vcc3+0.5
V
Rpullup pulled to host _Vcc,
measured at XFP side of connector
Transmitterinput(detailedspecificationinXFPMSAINF8077iRev.4.5)
Data input baud rate nominal
9.95
11.35
Gbps
Data input bit rate tolerance
-100
+100
ppm
(10GbE/10GFC)
Data input bit rate tolerance
-20
+20
ppm
(SONET/SDH)
Data input compliance
B
Internally AC coupled signals
Data input differential
RI
90
100
110
Ω
impedance
Receiveroutput(detailedspecificationinXFPMSAINF8077iRev.4.5)
Data output baud rate nominal
9.95
11.35
Gbps
Data output compliance
C
internally AC coupled signals
Data output bit rate stability
-100
+100
ppm
(10GbE/10GFC)
Data output bit rate stability
-20
+20
ppm
(SONET/SDH)
3.5
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com