Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307CILP64 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CDK8307CILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307CILP64 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CDK8307CILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
13
PRELIMINARY Data Sheet
Digital and Timing Electrical Characteristics
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Clock Inputs
Duty Cycle
20
80
%high
Compliance
CMOS, LVDS, LVPECL
Input range
Differential input swing
200
200
mVpp
Input range
Differential input swing, sine wave clock input
800
800
mVpp
Input common mode voltage
Keep voltages within gnd and voltage of AVDD
0.3
VAVDD -0.3
V
Input capacitance
Differential
2
pF
Logic Inputs (CMOS)
VIH
High Level Input Voltage
VOVDD ≥ 3.0V
2
V
VOVDD = 1.7V – 3.0V
0.8 • VOVDD
V
VIL
Low Level Input Voltage
VOVDD ≥ 3.0V
0
0.8
V
VOVDD = 1.7V – 3.0V
0
0.2 • VOVDD
V
IIH
High Level Input Leakage Current
-10
10
μA
IIL
Low Level Input Leakage Current
-10
10
μA
CI
Input Capacitance
3
pF
Data Outputs (LVDS)
Compliance
LVDS
VOUT
Digital Output Voltage
247
454
mV
VCM
Output Common Mode Voltage
1.125
1.375
V
Output Coding
Default/Optional
Offset Binary/2‘s Complement
Timing Characteristics
TAP
Aperture Delay
0.8
ns
εRMS
Aperture Jitter
<0.5
ps
TPD
Power Down
Start up time from Power Down to Active
Mode. References have reached 99% of final
value. (See section Clock Frequency)
350
900
clock
cycles
TSLP
Sleep Mode
Start up time from Sleep Mode to Active Mode
0.5
μs
TOVR
Out Of Range Recovery Time
1
clk cycles
TLAT
Pipeline Delay
14
clk cycles
LVDS Output Timing Characterisctics
tdata
LCLK to Data Delay Time
Excluding programmable phase shift
50
ps
TPROP
Clock Propagation Delay
TBD
ns
LVDS Bit-Clock Duty-Cycle
45
55
% LCLK
cycle
Frame clock cycle-to-cycle jitter
2.5
% LCLK
cycle
TEDGE
Data Rise- and Fall Time
Calculated from -100mV to +100mV,
and vice-versa
TBD
ns
TCLKEDGE
Clock Rise- and Fall Time
Calculated from -100mV to +100mV,
and vice-versa
TBD
ns
Note:
(1) The outputs will be functional with higher loads. However, it is recommended to keep the load on output data bits as low as possible to keep dynamic currents
and resulting switching noise at a minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com