Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307CILP64 Datasheet(PDF) 17 Page - Cadeka Microcircuits LLC.

Part # CDK8307CILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307CILP64 Datasheet(HTML) 17 Page - Cadeka Microcircuits LLC.

Back Button CDK8307CILP64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 17Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 18Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 19Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 20Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 21Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
17
PRELIMINARY Data Sheet
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
phase_ddr<1:0> Controls the phase of LCLK
output relative to data
90 degrees
X X
42
pat_deskew
Enable deskew pattern mode
Inactive
0 X
45
pat_sync
Enable sync pattern mode
Inactive
X 0
btc_mode
Binary two's complement
format for ADC output data
Straight
offset binary
X
46
msb_first
Serialized ADC output data
comes out with MSB first
LSB-first
output
X
en_sdr
Enable SDR output mode. LCLK
becomes a 12x input clock
DDR
output mode
X
fall_sdr
Controls whether the LCLK ris-
ing or falling edge comes in the
middle of the data window when
operating in SDR mode
Rising edge
of LCLK
comes in the
middle of the
data window
X
1
perfm_cntrl
ADC performance control
Nominal
X X X
50
ext_vcm_bc
VCM buffer driving strength
control
Nominal
X X
lvds_pd_mode
Controls LVDS power down
mode
High z mode
X
52
lvds_num_bits
Sets the number of LVDS
output bits
13-bit
X 0
53
fs_cntrl
Fine adjust ADC full scale range
0% change
X X X X X X
55
clk_freq
Input clock frequency
65MHz
X X
56
Description of Serial Registers
Table 3. Software Reset
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
rst
Self-clearing software reset
Inactive
X
00
Setting the
rst register bit to '1', resets all internal registers including the rst register bit itself.
Table 4. Power-Down Modes
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
pd_ch<8:1>
Channel-specific power-down
Inactive
X X X X X X X X
0F
sleep
Go to sleep-mode
Inactive
X
pd
Go to power-down
Inactive
X
pd_pin_cfg
Configures the PD pin for
sleep-mode
PD pin con-
figured for
power-down
mode.
X
lvds_pd_mode
Controls LVDS power down
mode
High z mode
X
52
Table 2. Summary of Functions Supported by the Serial Interface
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com