Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307CILP64 Datasheet(PDF) 26 Page - Cadeka Microcircuits LLC.

Part # CDK8307CILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307CILP64 Datasheet(HTML) 26 Page - Cadeka Microcircuits LLC.

Back Button CDK8307CILP64 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 22Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 23Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 24Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 25Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 26Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 27Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 28Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 29Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
26
PRELIMINARY Data Sheet
AC-Coupling
A signal transformer or series capacitors can be used
to make an AC-coupled input network. Figure 8 shows
a recommended configuration using a transformer. Make
sure that a transformer with sufficient linearity is selected,
and that the bandwidth of the transformer is appropriate.
The bandwidth should exceed the sampling rate of the
ADC with at least a factor of 10. It is also important to
keep phase mismatch between the differential ADC inputs
small for good HD2 performance. This type of transformer
coupled input is the preferred configuration for high
frequency signals as most differential amplifiers do
not have adequate performance at high frequen-
cies. Magnetic coupling between the transformers
and PCB traces may impact channel crosstalk, and
must hence be taken into account during PCB layout.
Figure 10. Transformer Coupled Input
If the input signal is traveling a long physical distance
from the signal source to the transformer (for example a
long cable), kick-backs from the ADC will also travel along
this distance. If these kick-backs are not terminated prop-
erly at the source side, they are reflected and will add to
the input signal at the ADC input. This could reduce the
ADC performance. To avoid this effect, the source must
effectively terminate the ADC kick-backs, or the traveling
distance should be very short. If this problem could not be
avoided, the circuit in Figure 10 can be used.
Figure 11 shows AC-coupling using capacitors. Resistors
from the CM_EXT output, RCM, should be used to bias the
differential input signals to the correct voltage. The series
capacitor, CI, form the high-pass pole with these resistors,
and the values must therefore be determined based on
the requirement to the high-pass cut-off frequency.
Figure 11. AC-Coupled Input
Note that startup time from Sleep Mode and Power Down
Mode will be affected by this filter as the time required
to charge the series capacitors is dependent on the filter
cut-off frequency.
If the input signal has a long traveling distance, and the
kick-backs from the ADC not are effectively terminated
at the signal source, the input network of Figure 12 can
be used. The configuration is designed to attenuate the
kickback from the ADC and to provide an input impedance
that looks as resistive as possible for frequencies below
Nyquist.
Figure 12: Alternative Input Network
Values of the series inductor will however depend on
board design and conversion rate. In some instances a
shunt capacitor in parallel with the termination resistor
(e.g. 33pF) may improve ADC performance further. This
capacitor attenuate the ADC kick-back even more, and
minimize the kicks traveling towards the source. However,
the impedance match seen into the transformer becomes
worse.
33
33
RT
47
pF
pF
120nH
120nH
33
33
RT
68
220
optional
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com