Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307CILP64 Datasheet(PDF) 18 Page - Cadeka Microcircuits LLC.

Part # CDK8307CILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307CILP64 Datasheet(HTML) 18 Page - Cadeka Microcircuits LLC.

Back Button CDK8307CILP64 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 17Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 18Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 19Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 20Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 22Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
18
PRELIMINARY Data Sheet
Setting
pd_ch<n> = '1', powers down channel <n> of the ADC. Setting sleep = '1', powers down the entire chip, except
the band-gap reference circuit.
Setting
pd = '1' completely powers down the chip, including the band-gap reference circuit. Start-up time from this mode
is significantly longer than from the
sleep and pd_ch<n> modes.
Setting
pdn_pin_cfg = '1' configures the circuit to enter sleep mode when the PD pin is set high. When pdn_pin_cfg =
'0', which is the default, the circuit enters power down mode when the PD pin is set high.
The
lvds_pd_mode register configures whether the LVDS data output drivers are powered down or not in sleep and
sleep channel modes. LCLK and FCLK drivers are not affected by this register, and are always on in sleep and sleep
channel modes. If
lvds_pd_mode is set low (default), the LVDS output is put in high Z, and the driver is completely
powered down. If
lvds_pd_mode is set high, the LVDS output is set to constant 0, and the driver is still on during sleep
and sleep channel modes.
Table 5. LVDS Drive Strength Programmability
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
ilvds_lclk<2:0>
LVDS current drive programma-
bility for LCLKP and LCLKN pins.
3.5mA drive
X X X
11
ilvds_
frame<2:0>
LVDS current drive programma-
bility for FCLKP and FCLKN pins.
3.5mA drive
X X X
ilvds_dat<2:0>
LVDS current drive programma-
bility for output data pins.
3.5mA drive
X X X
The current delivered by the LVDS output drivers can be configured as shown in Table 6. The default current is 3.5mA,
which is what the LVDS standard specifies.
Setting the
ilvds_lclk<2:0> register controls the current drive strength of the LVDS clock output on the LCLKP and LCLKN
pins.
Setting the
ilvds_frame<2:0> register controls the current drive strength of the frame clock output on the FCLKP and
FCLKN pins.
Setting the
ilvds_dat<2:0> register controls the current drive strength of the data outputs on the D[8:1]P and D[8:1]
N pins.
Table 6. LVDS Output Drive Strength for LCLK, FCLK, and Data
ilvds_*<2:0>
LVDS Drive Strength
000
3.5 mA (default)
001
2.5 mA
010
1.5 mA
011
0.5 mA
100
7.5 mA
101
6.5 mA
110
5.5 mA
111
4.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com