Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307CILP64 Datasheet(PDF) 16 Page - Cadeka Microcircuits LLC.

Part # CDK8307CILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307CILP64 Datasheet(HTML) 16 Page - Cadeka Microcircuits LLC.

Back Button CDK8307CILP64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 17Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 18Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 19Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 20Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
16
PRELIMINARY Data Sheet
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
rst
Software reset.
This bit is self-clearing
Inactive
X
00
pd_ch<8:1>
Channel-specific power-down
Inactive
X X X X X X X X
0F
sleep
Go to sleep-mode
Inactive
X
pd
Go to power-down
Inactive
X
pd_pin_cfg
Configures the PD pin for
sleep-mode
PD pin
configured for
power-down
mode
X
ilvds_lclk<2:0>
LVDS current drive programma-
bility for LCLKP and LCLKN pins
3.5mA drive
X X X
11
ilvds_
frame<2:0>
LVDS current drive programma-
bility for FCLKP and FCLKN pins
3.5mA drive
X X X
ilvds_dat<2:0>
LVDS current drive programma-
bility for output data pins
3.5mA drive
X X X
en_lvds_term
Enables internal termination
for LVDS buffers
Termination
disabled
X
12
term_lclk<2:0>
Programmable termination
for LCLKN and LCLKP buffers
Termination
disabled
1
X X X
term_
frame<2:0>
Programmable termination
for FCLKN and FCLKP buffers
Termination
disabled
1
X X X
term_dat<2:0>
Programmable termination
for output data buffers
Termination
disabled
1
X X X
invert_ch<8:1>
Swaps the polarity of the
analog input pins electrically
IPx is
positive input
X X X X X X X X
24
en_ramp
Enables a repeating full-scale
ramp pattern on the outputs
Inactive
X 0 0
25
dual_custom_pat
Enable the mode wherein the
output toggles between two
defined codes
Inactive
0 X 0
single_custom_
pat
Enables the mode wherein the
output is a constant specified code Inactive
0 0 X
bits_cus-
tom1<13:0>
Bits for the single custom pattern
and for the first code of the dual
custom pattern. <0> is the LSB
Inactive
X X X X X X X X X X X X X X
26
bits_cus-
tom2<13:0>
Bits for the second code of the
dual custom pattern
Inactive
X X X X X X X X X X X X X X
27
gain_ch1<3:0>
Programmable gain for channel 1 0dB gain
X X X X
2A
gain_ch2<3:0>
Programmable gain for channel 2 0dB gain
X X X X
gain_ch3<3:0>
Programmable gain for channel 3 0dB gain
X X X X
gain_ch4<3:0>
Programmable gain for channel 4 0dB gain
X X X X
gain_ch5<3:0>
Programmable gain for channel 5 0dB gain
X X X X
2B
gain_ch6<3:0>
Programmable gain for channel 6 0dB gain
X X X X
gain_ch7<3:0>
Programmable gain for channel 7 0dB gain
X X X X
gain_ch8<3:0>
Programmable gain for channel 8 0dB gain
X X X X
Serial Register Map
Table 2. Summary of Functions Supported by the Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com