Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307CILP64 Datasheet(PDF) 22 Page - Cadeka Microcircuits LLC.

Part # CDK8307CILP64
Description  12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307CILP64 Datasheet(HTML) 22 Page - Cadeka Microcircuits LLC.

Back Button CDK8307CILP64 Datasheet HTML 18Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 19Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 20Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 21Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 22Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 23Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 24Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 25Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 26Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
22
PRELIMINARY Data Sheet
Figure 6. Phase Programmability Modes for LCLK
The device can also be made to operate in SDR mode by setting the
en_sdr bit to '1'. The bit clock (LCLK) is output at
12x times the input clock in this mode, two times the rate in DDR mode. Depending on the state of
fall_sdr, LCLK may
be output in either of the two manners shown in Figure 7. As can be seen in Figure 7, only the LCLK rising (or falling)
edge is used to capture the output data in SDR mode. The SDR mode is not recommended beyond 40MSPS because the
LCLK frequency becomes very high.
EN_SDR=’1’, FALL_SDR_’0’
EN_SDR=’1’, FALL_SDR_’1’
FCLKN
FCLKP
LCLKP
LCLKN
Dxx<1:0>
FCLKN
FCLKP
LCLKN
LCLKP
Dxx<1:0>
Figure 7. SDR Interface Modes
The default data output format is offset binary. Two's complement mode can be selected by setting the
btc_mode bit to
'1' which inverts the MSB.
The first bit of the frame (following the rising edge of FCLKP) is the LSB of the ADC output for default settings. Program-
ming the
msb_first mode results in reverse bit order, and the MSB is output as the first bit following the FCLKP rising edge.
Table 14. Number of Serial Output Bits
Name
Description
Default
D
1
5
D
1
4
D
1
3
D
1
2
D
1
1
D
1
0
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Address
In Hex
lvds_num_bits
Sets the number if LVDS output bits 12-bit
X 0
53
The ADCs have 13-bit resolution. There are two options for the serial LVDS outputs, 12 bits or 14 bits, selected by reg-
ister values '00' and '10', respectively. In 12-bit mode, the LSB bit from the ADCs are removed in the output stream. In
14-bit mode, a '0' is added in the LSB position. Power down mode must be activated after or during a change in the
number of output bits.
PHASE_DDR<1:0>=’00’
PHASE_DDR<1:0>=’10’
PHASE_DDR<1:0>=’01’
PHASE_DDR<1:0>=’11’
FCLKN
FCLKP
LCLKP
LCLKN
Dxx<1:0>
FCLKN
FCLKP
LCLKN
LCLKP
Dxx<1:0>
FCLKN
FCLKP
LCLKN
LCLKP
Dxx<1:0>
FCLKN
FCLKP
LCLKP
LCLKN
Dxx<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com