Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH300 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # KH300
Description  Wideband, High-Speed Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH300 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  KH300 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
KH300
DATA SHEET
REV. 1A January 2004
5
Layout Considerations
To assure optimum performance the user should follow
good layout practices which minimize the unwanted
coupling of signals between nodes. During initial bread-
boarding of the circuit, use direct point to point wiring,
keeping lead lengths to less than 0.25”. The use of
solid, unbroken ground plane is helpful. Avoid wire-wrap
type pc boards and methods. Sockets with small, short
pin receptacles may be used with minimal performance
degradation although their use is not recommended.
Figure 1: Recommended Non-inverting Gain Circuit
Figure 2: Recommended Inverting Gain Circuit
During pc board layout keep all traces short and direct.
Rf and Rg should be as close as possible to pin 8 to
minimize capacitance at that point. For the same reason,
remove ground plane from the vicinity of pins 8 and 6.
In other areas, use as much ground plane as possible
on one side of the pc board. It is especially important to
provide a ground return path for current from the load
resistor to the power supply bypass capacitors. Ceramic
capacitors of 0.01 to 0.1
µF should be close to pins 13
and 16. Larger tantalum capacitors should also be
placed within one inch of these pins. To prevent signal
distortion caused by reflections from impedance mis-
matches, use terminated microstrip or coaxial cable
when the signal must traverse more than a few inches.
Since the pc board forms such an important part of the
circuit, much time can be saved if prototype boards of
any high frequency sections are built and tested early in
the design phase.
Controlling Bandwidth and Passband Response
As with any op amp, the ratio of the two feedback resistors
Rf and Rg, determines the gain of the KH300. Unlike
conventional op amps, however, the closed loop pole-
zero response of the KH300 is affected very little by the
value of Rg. Rg scales the magnitude of the gain, but
does not change the value of the feedback. Rf does
influence the feedback and so the KH300 has been
internally compensated for optimum performance with
Rf = 1500Ω, but any value of Rf > 500Ω may be used
with a single capacitor placed between pins 8 and 12
for compensation. See table 1. As Rf decreases, Cc
must increase to maintain flat gain. Large values of Rf
and Cc can be used together or separately to reduce
the bandwidth. This may be desirable for reducing the
noise bandwidth in applications not requiring the full fre-
quency response available.
Table 1: Bandwidth vs. Rf and Cc (Av = +20)
Rf
Cc
f±0.3dB
f-3.0dB
(K
Ω)
(pF)
(MHz)
(MHz)
10.0
0
2
5
5.0
0
3
12
2.0
0
8
40
1.5
0
45
85
1.0
0.3
90
115
0.75
1.1
95
130
0.50
1.9
110
135
Low Gain Operation
The small amount of stray capacitance present at the
inverting input can cause peaking which increases with
decreasing gain. The gain setting resistor Rg is effectively
in parallel with this capacitance and so a frequency
domain pole results. With small Rg (Gain > 8), this pole
is at a high frequency and it affects the closed loop gain
of the KH300 only slightly. At lower values of gain, this
pole becomes significant. For example, at a gain of +2,
the gain may peak as much as 3dB at 75MHz, and
have a bandwidth exceeding 150MHz. The same
behavior does not exist for low inverting gains, however,
since the inverting input is a virtual ground which main-
tains a constant voltage across the stray capacitance.
Even at inverting gains << 1, the frequency response
remains unchanged.
0.01
µF
22
µF
-15
24
KH300
+
-
8
Ri
50
Ω
6
Vin
RL
50
Ω
1/2 Vo
16
13
11
+15
22
µF
0.01
µF
12
Rg
Ro
50
Ω
Av = 1 +
Rf = 1500Ω (internal)
Rf
Rg
0.01
µF
22
µF
-15
24
KH300
+
-
Ri
50
Ω
Vin
RL
50
Ω
1/2 Vo
16
13
11
+15
22
µF
0.01
µF
12
6
51
8
Rg
Ro
50
Ω
-Av =
Rf = 1500Ω (internal)
Rf
Rg
For Zin = 50Ω Select:
Rg||Ri = 50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com