Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH300 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # KH300
Description  Wideband, High-Speed Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH300 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  KH300 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
I -3dB bandwidth of 85MHz
I 3000V/µsec slew rate
I 4ns rise and fall time
I 100mA output current
I Low distortion, linear phase
Applications
I Digital communications
I Baseband and video communications
I Instrument input/output amplifiers
I Fast A to D, D to A conversion
I Graphic CRT video drive amp
I Coaxial cable line driver
General Description
The KH300 operational amplifier is a current feed-
back amplifier that provides a DC-85MHz -3dB band-
width that is virtually independent of gain setting.
Rise and fall times of 4ns and drive capability of
22Vpp and 100mA add to the KH300’s impressive
specifications.
Using the KH300 is as easy as adding power supplies
and a gain-setting resistor. Unlike conventional op
amp designs in which optimum gain-bandwidth
product occurs at a high gain, minimum settling time
at a gain of -1, maximum slew rate at a gain of +1,
et cetera, the KH300 offers consistent performance
at gain settings from 1 to 40 inverting or non-inverting.
As a result, designing with the KH300 is greatly
simplified. And since no external compensation is
necessary, “tweeks” on the production line have been
eliminated, making the KH300 an efficient
component for use in production situations.
Flat gain and phase response from DC to 45MHz and
superior rise and fall times make the KH300 an ideal
amplifier for a broad range of pulse, analog, and
digital applications. A 45MHz full power bandwidth
(20Vpp into 100Ω) and 3000V/µsec slew rate eliminate
the need for power buffers in many applications
such as driving “flash” A to D converters or line-
driving. For applications requiring lower power
consumption, the KH300 can operate on supplies as
low as ±5V. Fast overload recovery (20ns) helps
prevent loss of data in communications applications
and flat phase response reduces distortion, even when
data must be sent over extended lengths of line.
The KH300A is packaged in a side-brazed 24-pin
ceramic DIP and is specified at 25°C.
KH300
Wideband, High-Speed Operational Amplifier
REV. 1A January 2004
16
12
8
6
+
-
Vo
Rf
+VCC
V+
V-
24
GND
13
-VCC
1500
11
KH300 Equivalent Circuit Diagram
Pin 11 provides access to a 1500
Ω feedback
resistor which can be connected to the out-
put or left open if an external feedback
resistor is desired. All undesignated pins are
internally unconnected.
www.cadeka.com


Similar Part No. - KH300

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH300 FAIRCHILD-KH300 Datasheet
94Kb / 7P
Wideband, High-Speed Operational Amplifier
More results

Similar Description - KH300

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
High Speed Operational Amplifier
logo
Fairchild Semiconductor
KH300 FAIRCHILD-KH300 Datasheet
94Kb / 7P
Wideband, High-Speed Operational Amplifier
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
Wideband Operational Amplifier
logo
M.S. Kennedy Corporatio...
MSK3554 MSK-MSK3554 Datasheet
270Kb / 5P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2602883 INTERSIL-HA-2602883 Datasheet
152Kb / 5P
Wideband, High Impedance Operational Amplifier
October 2004
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
Wideband Operational Amplifier
logo
Anaren Microwave
MSK3554 ANAREN-MSK3554 Datasheet
709Kb / 6P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com