Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH300 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # KH300
Description  Wideband, High-Speed Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH300 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  KH300 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KH300
DATA SHEET
REV. 1A January 2004
3
KH300 Performance Characteristics (25°C, VCC = ±15V, RL = 100Ω; unless noted)
Non-Inverting Gain
Freguency (MHz)
0
10
20
30
40
50
60
70
80
90
100
Av = 4
Av = 20
Av = 40
Inverting Gain
Freguency (MHz)
0
10
20
30
40
50
60
70
80
90
100
Av = 4
Av = 20
Av = 40
Broadband Inverting & Non-Inverting Gain
Freguency (MHz)
0
100 200 300 400 500 600 700 800 900 1GHz
Non-inverting
Av = 20
Inverting
Inverting & Non-Inverting Phase
Freguency (MHz)
0
10
20
30
40
50
60
70
80
90
100
Non-inverting
Av = 20
Inverting
-180
°
-90
°
0
°
-360
°
-270
°
-180
°
2nd & 3rd Harmonic Distortion Intercept
Freguency (Hz)
104
105
106
107
108
(I2)
2nd harmonic intercept
exceeds 90dBm below 105Hz
Av = 20
(I3)
3rd harmonic intercept
exceeds 64dBm below 105Hz
30
40
50
60
70
80
90
2-Tone 3rd Order Intermod. Intercept
Freguency (MHz)
0
20
40
60
100
Av = 20
25
30
35
40
45
50
80
Non-Inverting Small Signal Pulse Resp.
Time (5ns/div)
Av = 20
Inverting Small Signal Pulse Response
Time (5ns/div)
Av = -20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com