Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH300 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # KH300
Description  Wideband, High-Speed Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH300 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  KH300 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DATA SHEET
KH300
4
REV. 1A January 2004
KH300 Performance Characteristics (25°C, VCC = ±15V, RL = 100Ω; unless noted)
Large Signal Pulse Response
Time (5ns/div)
Av = -20
Settling Time
Time (ns)
0
200
400
600
1000
10V step
Av = 20
-0.8
-0.6
-0.4
-0.2
0.2
0.4
800
0
Relative Bandwidth vs. VCC
VCC (V)
46
8
10
16
Av = 20
0.7
0.8
0.9
1.0
1.1
14
12
Power Dissipation Derating
Temperature (
°C)
-25
0
25
50
100
150
°C max T
J
VCC = ±15V
0.5
1.0
1.5
2.0
2.5
75
Case
Ambient
Equivalent Input Noise
Frequency (Hz)
102
103
104
105
106
107
108
1
10
100
1
10
100
Non-inverting Current
2.3pA/
√Hz
Voltage
2.9nV/
√Hz
Inverting Current
11pA/
√Hz
Common Mode Rejection Ratio
Frequency (Hz)
101
102
103
104
105
106
107
30
50
60
70
80
40
Power Supply Rejection Ratio
Frequency (Hz)
101
102
103
104
105
106
30
50
60
70
80
40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com