Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH300 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # KH300
Description  Wideband, High-Speed Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH300 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  KH300 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
REV. 1A January 2004
DATA SHEET
KH300
magnitude of gain {|Vout/Vin|]
4*
20
40
PARAMETERS
CONDITIONS
TYP
MIN
2
TYP
MAX
2
TYP
UNITS
Frequency Domain Response
-3dB bandwidth
Vo < 4Vpp
105
75
85
70
MHz
Vo = 20Vpp
45
45
45
MHz
gain flatness
100KHz to 20MHz
±0.25
±0.08
±0.3
±0.25
dB
20MHz to 45MHz
±0.5
±0.25
±0.6
±1
dB
phase shift
1
1.6
2
deg/MHz
deviation from linear phase
DC to 45MHz
2
3
5
deg
reverse isolation
60
70
70
dB
distortion
refer to graphs
Time Domain Response
rise and fall time
5V output step
3
4
5
ns
20V output step
7
7
7
ns
settling time to 0.8%
10V output step
20
20
25
ns
overshoot (input rise time
≤ 1ns) 5V output step
5
5
5
%
slew rate
3
3
3
V/
µs
overload recovery (200% od)
< 50ns pulse width
20
20
20
ns
General Information
CONDITIONS
MIN2
TYP
MAX2
UNITS
input offset voltage (drift)
10(25)
32
mV(
µV/°C)
input bias current (drift)
non-inverting
10(20)
30
µV(nA/°C)
inverting
30(50)
100
µV(nA/°C)
equivalent input noise1
integrated 0.1 to 100MHz,
22
56
µV
(Rs = 50Ω, gain = 20)
second/third harmonic distortion
20MHz, +10dBm
48
38
-dBc
input impedance
non-inverting
100K/3
Ω/pF
power supply rejection ratio
input referred
45
60
dB
common mode rejection ratio
input referred
64
dB
output drive voltage,current
10, 100
V, mA
supply current
24
33
mA
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
NOTES:
1) For Noise Figure, refer to Distortion and Noise section in text.
2) 100% tested at +25°C, AV = +20, RL = 100Ω, and VCC = ±15V.
* Refer to Low Gain Operation section.
Absolute Maximum Ratings
supply voltage (±VCC)
16V (±5V min)
output current (Io)
100mA
input voltage (Vimax)
(|VCC| - 2.5)/AV
common mode input voltage
±1/2 |VCC|
power dissipation
refer to graph
junction temperature (TJ)
150°C
storage temperature
-55°C to +150°C
still air thermal resistance (
θ
ca)
+25°C/W
KH300 Electrical Characteristics (25°C, VCC = ±15V, RL = 100Ω; unless noted)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com