Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH300 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # KH300
Description  Wideband, High-Speed Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH300 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

  KH300 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH300 Datasheet HTML 7Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DATA SHEET
KH300
6
REV. 1A January 2004
To avoid the peaking at low non-inverting gains, place a
resistor Rp in series with the input signal path just ahead
of pin 6, the non-inverting input. This forms a low pass
filter with the capacitance at pin 6 which can be made to
cancel the peaking due to the capacitance at pin 8, the
inverting input. At a gain of +2, for example, choosing
Rp such that the source impedance in parallel with Ri
(see Figure 1), plus Rp equals 175Ω will flatten the
frequency response. For larger gains, Rp will decrease.
Settling Time, Offset, and Drift
After an output transition has occurred, the output
settles very rapidly to final value and no change occurs
for several microseconds. Thereafter, thermal gradients
inside the KH300 will cause the output to begin to drift.
When this can not be tolerated, or when the initial offset
voltage and drift is unacceptable, the use of a compos-
ite amplifier is advised. This technique reduces the off-
set and drift to that of a monolithic, low frequency op
amp, such as an LF356A. The composite amplifier
technique is fully described in the KH103 data sheet.
A simple offset adjustment can be implemented by con-
necting the wiper of a potentiometer, whose end termi-
nals connect to ±15V, through a 20K resistor to pin 8 of
the KH300.
Overload Protection
To avoid damage to the KH300, care must be taken to
insure that the input voltage does not exceed (|VCC| -
2.5)/AV. High speed, low capacitance diodes should be
used to limit the maximum input voltage to safe levels if
a potential for overload exists.
If in the non-inverting configuration the resistor Ri, which
sets the input impedance, is large, the bias current at
pin 6, which is typically a few pA but which may be as
large as 18
µA, can create a large enough input voltage
to exceed the overload condition. It is therefore recom-
mended that Ri < [(|VCC| -2.5)/ AV]/(18µA).
Distortion and Noise
The graphs of intercept point versus frequency on the
preceding page make it easy to predict the distortion at
any frequency, given the output voltage of the KH300.
First, convert the output voltage (Vo) to Vrms = (Vpp/2√2)
and then to P = (10log10(20Vrms2)) to get output power in
dBm. At the frequency of interest, its 2nd harmonic will
be S2 = (I2 - P) dB below the level of P. Its third harmon-
ic will be S3 = 2 (l3 = P) dB below P as will the two tone
third order intermodulation products. These approxima-
tions are useful for P < -1dB compression levels.
Approximate noise figure can be determined for the
KH300 using the Equivalent Input Noise graph on the
preceding page. The following equation can be used to
determine noise figure (F) in dB:
Where vn is the rms noise voltage and in is the rms noise
current. Beyond the breakpoint at the curves (i.e.,
where they are flat), broadband noise figure equals spot
noise figure, so
∆f should equal one (1) and vn and in
should be read directly off of the graph. Below the
breakpoint, the noise must be integrated and
∆f set to
the appropriate bandwidth.
F
v
iR
A
kTR
f
n
n
f
v
s
=+
+
10
1
4
2
22
2
log
∆



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com