Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS30 Datasheet(PDF) 4 Page - Motorola, Inc

Part # AM26LS30
Description  DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS30 Datasheet(HTML) 4 Page - Motorola, Inc

  AM26LS30 Datasheet HTML 1Page - Motorola, Inc AM26LS30 Datasheet HTML 2Page - Motorola, Inc AM26LS30 Datasheet HTML 3Page - Motorola, Inc AM26LS30 Datasheet HTML 4Page - Motorola, Inc AM26LS30 Datasheet HTML 5Page - Motorola, Inc AM26LS30 Datasheet HTML 6Page - Motorola, Inc AM26LS30 Datasheet HTML 7Page - Motorola, Inc AM26LS30 Datasheet HTML 8Page - Motorola, Inc AM26LS30 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AM26LS30
4
MOTOROLA ANALOG IC DEVICE DATA
Table 1
Inputs
Outputs
Operation
VCC
VEE
Mode
A
B
C
D
A
B
C
D
Differential
(EIA–422–A)
+5.0
Gnd
0
0
0
0
0
0
0
1
X
1
0
1
0
0
1
0
0
0
0
0
0
0
0
1
0
1
1
0
1
X
0
1
Z
1
0
1
1
0
Z
0
1
0
1
0
0
1
0
Z
0
1
1
0
1
Z
(EIA–422–A)
0
0
0
0
0
1
X
1
0
1
0
1
0
0
0
0
0
0
0
1
1
1
0
1
X
1
Z
1
0
1
0
Z
0
1
0
0
0
1
0
Z
1
1
0
1
Z
0
0
0
0
X
1
0
1
1
0
0
0
0
0
0
1
1
0
1
X
Z
1
0
1
Z
0
1
0
0
1
0
Z
1
0
1
Z
0
0
0
1
0
1
0
0
0
0
0
1
0
1
X
1
0
1
0
1
0
1
0
Z
0
1
Z
0
0
0
1
0
0
0
1
1
X
0
1
1
0
0
Z
1
Z
0
1
0
1
X
1
0
Z
Z
Single–Ended
(EIA–423–A)
+5.0
–5.0
1
1
1
1
1
0
1
0
0
0
0
0
1
0
0
0
0
0
1
0
0
0
0
0
1
0
1
0
0
0
0
0
1
0
0
0
0
0
1
0
0
0
0
0
1
(EIA–423–A)
1
1
1
1
1
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
1
0
0
0
0
1
0
0
0
0
1
0
0
0
0
1
1
1
1
0
0
0
1
0
0
0
1
0
0
0
1
0
0
0
1
0
0
0
1
0
0
0
1
1
1
0
0
0
0
1
0
0
1
0
0
0
0
1
0
0
1
1
0
0
0
1
0
0
0
1
X
0
X
X
X
X
X
X
Z
Z
Z
Z
X = Don’t Care
Z = High Impedance (Off)
Figure 1. Differential Output Test
Figure 2. Single–Ended Output Test
VEE
Mode = 0
VOS
RL
RL/2
RL/2
CL
Vin
(0.8 or 2.0 V)
VCC
VO
VCC
VOD2
Mode = 1
Vin
(0.8 or 2.0 V)
Figure 3. Differential Mode Rise/Fall Time and Data Propagation Delay
NOTES: 1. S.G. set to: f
p 1.0 MHz; duty cycle = 50%; tr, tf, p 10 ns.
2. tSK1 =  tPDH–tPDL for each driver.
3. tSK2 computed by subtracting the shortest tPDH from the longest tPDH of the 2 drivers within a package.
4. tSK3 computed by subtracting the shortest tPDL from the longest tPDL of the 2 drivers within a package.
10%
tPDH
1.5 V
Vin
0 V
10%
50%
90%
tf
tPDL
tr
90%
50%
Vout
1.5 V
+3.0 V
VCC
Vin
S.G.
VOD
500 pF
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com